Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK3A Datasheet(PDF) 1 Page - Abracon Corporation

Part # AK3A
Description  Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AK3A Datasheet(HTML) 1 Page - Abracon Corporation

  AK3A Datasheet HTML 1Page - Abracon Corporation AK3A Datasheet HTML 2Page - Abracon Corporation AK3A Datasheet HTML 3Page - Abracon Corporation AK3A Datasheet HTML 4Page - Abracon Corporation AK3A Datasheet HTML 5Page - Abracon Corporation AK3A Datasheet HTML 6Page - Abracon Corporation AK3A Datasheet HTML 7Page - Abracon Corporation AK3A Datasheet HTML 8Page - Abracon Corporation AK3A Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 09-27-22
For terms and conditions of sales, please visit:
www.abracon.com
Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
AK3A
3.2 x 2.5 x 1.0 mm
RoHS/RoHS II Compliant
MSL Level = N/A
Request Samples
Check Inventory
Parameters
Min.
Typ.
Max.
Unit
Notes
Frequency Range
100
212.5
MHz
Standard Available Frequencies
100.000, 114.285, 122.880. 125.000, 148.500,
150.000, 155.520, 156.250, 200.000, & 212.500
MHz
Contact Abracon for availability of
frequencies not listed
Supply Voltage (Vdd) [Note 1]
2.97
3.3
3.63
V
Option “A”
2.375
2.5
2.625
Option “B”
2.375
3.63
Option “D”
Supply Current (Idd)
LVPECL
40
60
mA
@ 200MHz; @ Vdd=3.3V
LVDS
17
35
@ 200MHz; @ Vdd=3.3V
HCSL
27
40
@ 200MHz; @ Vdd=3.3V
Operating Temperature Range
-20
70
°C
Option “D”
-40
85
Option “F” or “Q”
Storage Temperature
-55
125
°C
Frequency Tolerance [Note 2]
-10
< ±5
10
ppm
Frequency Stability over [Note 3,4]
Operating Temperature Range
-15
< ±10
15
ppm
Option “D” (-20°C to +70°C)
-20
< ±15
20
Option “Q” (-40°C to +85°C)
-25
< ±20
25
Option “F” (-40°C to +85°C)
First Year Aging
-3
3
ppm
At 25°C
All-Inclusive Frequency Accuracy
(Total Stability)
[Notes 5]
-40
40
ppm
Option “D” (-20°C to +70°C)
-45
45
Option “Q” (-40°C to +85°C)
-50
50
Option “F” (-40°C to +85°C)
Rise (Tr) / Fall (Tf) Time
[Notes 6]
LVPECL
0.2
0.4
ns
@ Vdd=3.3V, RL=50Ω
LVDS
0.2
0.4
@ Vdd=3.3V, RL=100Ω
0.2
0.4
@ Vdd=2.5V, RL=100Ω
HCSL
0.5
0.8
@ Vdd=3.3V, RL=50Ω to GND
0.5
0.8
@ Vdd=2.5V, RL=50Ω to GND
Duty Cycle
45
55
%
Start-up Time [Note 3]
< 2
5
ms
Note 1:
Supply voltage (Vdd) = 2.5V and 2.375~3.63V options not available with LVPECL output
Note 2:
Frequency Accuracy (Initial Set-Tolerance), at time of shipment (pre-reflow), relative to carrier frequency, @ +25°C
Note 3:
Relative to initial measured frequency @ +25°C
Note 4:
Option Q only available in select frequencies. Please contact Abracon for availability
Note 5:
Includes post reflow frequency accuracy, temperature stability, load pulling, power supply variation, and 10-year aging
Note 6:
Measured over 20% to 80% of waveform
•
Exceptionally Low RMS Jitter: 83fs Typ (LVDS @ 156.25MHz)
•
Available in industry standard frequencies between 100MHz & 212.5MHz
•
±25ppm stability over industrial operating temperature (-40ºC to +85ºC)
•
2.5V, 3.3V, 2.25V to 3.63V Continuous supply voltage options
•
LVPECL, LVDS, HCSL differential output logic
•
Industry standard 3.2 x 2.5 x 1.0 mm footprint
•
Based on 3rd overtone, quartz crystal technology
•
Available in Abracon’s global distribution network
•
Output Enable (Pad 1 or Pad 2 Active High) options available
•
Optical Transceivers and Modules
•
Data Centers, Storage, and Servers
•
Networking switches and gateways
•
100G/200G/400G/800G Ethernet
•
Fibre Channel/SONET/SDH/PCIe
•
Industrial and FPGA applications
•
Test & measurement
Key Electrical Specifications
Applications
Features


Similar Part No. - AK3A

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AK3AAIG ABRACON-AK3AAIG Datasheet
696Kb / 11P
ClearClock™ Oscillator Family | Ultra-Low Jitter | 3.2x2.5mm XO
11-28-23
AK3AAIGPAF1-156.2500 ABRACON-AK3AAIGPAF1-156.2500 Datasheet
696Kb / 11P
ClearClock™ Oscillator Family | Ultra-Low Jitter | 3.2x2.5mm XO
11-28-23
AK3AAIGPAF1-156.2500T ABRACON-AK3AAIGPAF1-156.2500T Datasheet
696Kb / 11P
ClearClock™ Oscillator Family | Ultra-Low Jitter | 3.2x2.5mm XO
11-28-23
AK3AAIGPAF1-156.2500T3 ABRACON-AK3AAIGPAF1-156.2500T3 Datasheet
696Kb / 11P
ClearClock™ Oscillator Family | Ultra-Low Jitter | 3.2x2.5mm XO
11-28-23
More results

Similar Description - AK3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC421100RGER TI1-CDC421100RGER_14 Datasheet
173Kb / 9P
FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
logo
Abracon Corporation
ASFLMX-156.250MHZ-3BBA ABRACON-ASFLMX-156.250MHZ-3BBA Datasheet
8Mb / 5P
Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
04.15.15
ASFLMX-200.000MHZ-5ABB ABRACON-ASFLMX-200.000MHZ-5ABB Datasheet
6Mb / 4P
Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
04.08.15
ASFLMX-50.000MHZ-5ABB ABRACON-ASFLMX-50.000MHZ-5ABB Datasheet
8Mb / 5P
Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
04.15.15
ASVMX-25.000MHZ-5ABB ABRACON-ASVMX-25.000MHZ-5ABB Datasheet
3Mb / 4P
Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
05.01.15
ASVMX-25.000MHZ-5ABC ABRACON-ASVMX-25.000MHZ-5ABC Datasheet
3Mb / 4P
Ultra-Low Phase Jitter LVCMOS SMD Clock Oscillator
04.29.15
ASVMX-156.250MHZ-3BBB ABRACON-ASVMX-156.250MHZ-3BBB Datasheet
5Mb / 5P
Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
04.22.15
ASVMX-156.250MHZ-3BNR ABRACON-ASVMX-156.250MHZ-3BNR Datasheet
5Mb / 5P
Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
04.27.15
ASVMX-312.500MHZ-3BBA ABRACON-ASVMX-312.500MHZ-3BBA Datasheet
5Mb / 5P
Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
04.22.15
AK2A ABRACON-AK2A Datasheet
1Mb / 11P
Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com