Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK3A Datasheet(PDF) 2 Page - Abracon Corporation

Part # AK3A
Description  Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AK3A Datasheet(HTML) 2 Page - Abracon Corporation

  AK3A Datasheet HTML 1Page - Abracon Corporation AK3A Datasheet HTML 2Page - Abracon Corporation AK3A Datasheet HTML 3Page - Abracon Corporation AK3A Datasheet HTML 4Page - Abracon Corporation AK3A Datasheet HTML 5Page - Abracon Corporation AK3A Datasheet HTML 6Page - Abracon Corporation AK3A Datasheet HTML 7Page - Abracon Corporation AK3A Datasheet HTML 8Page - Abracon Corporation AK3A Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 09-27-22
For terms and conditions of sales, please visit:
www.abracon.com
Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
AK3A
3.2 x 2.5 x 1.0 mm
RoHS/RoHS II Compliant
MSL Level = N/A
Request Samples
Check Inventory
Parameters
Min.
Typ.
Max.
Unit
Notes
Differential
Output High Voltage (VOH)
Output Low Voltage (VOL)
LVPECL
VOH
Vdd-1.025
Vdd-0.95
Vdd-0.88
V
RL=50Ω to Vdd–2.0V
VOL
Vdd-1.81
Vdd-1.7
Vdd-1.62
LVDS
VOH
1.43
1.60
RL=100Ω between
both outputs
VOL
0.90
1.10
HCSL
VOH
0.50
0.74
0.85
RL=50Ω to ground
on each output
VOL
-0.15
0.00
0.15
Output Voltage Swing (Vopp)
0.400
V
LVPECL
0.250
0.350
0.450
LVDS
0.500
0.700
0.850
HCSL
Output Enable & Disable Control
0.7*(Vdd)
V
Output Enable or No Connect
0.3*(Vdd)
Output Disable (High Impedance)
Output Enable Time
< 1
5.0
ms
Output Disable Time
0.2
µs
Output Disable Current Consumption
10
µA
OE ≤ 0.3V
RMS Phase Jitter
(12kHz to 20MHz from Carrier)
See Table 1 below
Vdd, output logic type and Carrier
frequency dependent
Table 1
RMS Phase Jitter 12kHz – 20MHz BW, Vdd=3.3V [Note7, 8, 9]
Frequency (MHz)
Output
RMS Jitter
Typ. (fs)
Max (fs)
100
LVDS
184
200
LVPECL
166
200
HCSL
152
175
125
LVDS
118
150
LVPECL
94
125
HCSL
90
115
156.25
LVDS
83
125
LVPECL
64
100
HCSL
71
100
200
LVDS
55
100
LVPECL
75
100
HCSL
70
100
212.5
LVDS
54
100
LVPECL
72
100
HCSL
70
100
Note 7:
Guaranteed by characterization; RMS Phase Jitter specifications are inclusive of any spurs
Note 8:
Phase jitter measured with Keysight E5052B Signal Source Analyzer
Note 9:
Refer to the next section for phase noise test setup and representative phase noise plots



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com