Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS374K Datasheet (PDF) - Renesas Technology Corp

ACS374K Datasheet PDF - Renesas Technology Corp
Part # ACS374K
Download  ACS374K Download
File Size   346.66 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation HardenedOctal D Flip-Flop, Three-State

ACS374K Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS374K Datasheet PDF - Renesas Technology Corp

Part # ACS374K
Download  ACS374K Click to download

File Size   346.66 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation HardenedOctal D Flip-Flop, Three-State

ACS374K Datasheet (HTML) - Renesas Technology Corp


ACS374K Product details

Features
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose 300K RAD (Si)
• Single Event Upset (SEU) Immunity
<1 x 10-10 Errors/Bit-Day (Typ)
• SEU LET Threshold >80 MEV-cm2/mg
• Dose Rate Upset >1011 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to ALSTTL Logic
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current 1A at VOL, VOH

Description
The Intersil ACS374MS is a radiation hardened octal D-type
flip-flop with three-state outputs. The eight edge-triggered flipflops enter data into their registers on the low to high transition
of clock (CP). The Output Enable (OEN) controls the three-state
outputs and is independent of the register operation. When the
OEN is high, the outputs will be in the high impedance state.
The ACS374MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of the
radiation hardened, high-speed, CMOS/SOS Logic Family.




Similar Part No. - ACS374K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS374K INTERSIL-ACS374K Datasheet
71Kb / 8P
Radiation Hardened Octal D Flip-Flop, Three-State
April 1995
ACS374KMSR INTERSIL-ACS374KMSR Datasheet
71Kb / 8P
Radiation Hardened Octal D Flip-Flop, Three-State
April 1995
More results


Similar Description - ACS374K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS374MS INTERSIL-ACS374MS Datasheet
71Kb / 8P
Radiation Hardened Octal D Flip-Flop, Three-State
April 1995
ACTS374MS INTERSIL-ACTS374MS Datasheet
90Kb / 10P
Radiation Hardened Octal D Flip-Flop, Three-State
April 1995
HCTS374MS INTERSIL-HCTS374MS Datasheet
183Kb / 11P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
HCTS374T INTERSIL-HCTS374T Datasheet
96Kb / 3P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
July 1999
HCTS574MS INTERSIL-HCTS574MS Datasheet
135Kb / 11P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
logo
Renesas Technology Corp
ACS373MS RENESAS-ACS373MS Datasheet
418Kb / 10P
Radiation HardenedOctal Transparent Latch, Three-State
April 1995
HCS374MS RENESAS-HCS374MS Datasheet
571Kb / 10P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
November 11, 2004
HCTS374MS RENESAS-HCTS374MS Datasheet
548Kb / 10P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
HCTS574MS RENESAS-HCTS574MS Datasheet
430Kb / 10P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
HCTS646MS RENESAS-HCTS646MS Datasheet
580Kb / 10P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com