Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM9X60 Datasheet (PDF) - Microchip Technology

SAM9X60 Datasheet PDF - Microchip Technology
Part # SAM9X60
Download  SAM9X60 Download
File Size   759.35 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM

SAM9X60 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAM9X60 Datasheet PDF - Microchip Technology

Part # SAM9X60
Download  SAM9X60 Click to download

File Size   759.35 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM

SAM9X60 Datasheet (HTML) - Microchip Technology


SAM9X60 Product details

Features
• CPU
– ARM926EJ-S Arm Thumb processor running up to 600 MHz
– 32-Kbyte data cache, 32-Kbyte instruction cache, Memory Management Unit (MMU)
• Memories
– One 160-Kbyte internal ROM
• 64-Kbyte internal ROM embedding a secure bootloader program supporting boot on NandFlash,
SDCard, SPI or QSPI Flash. Bootloader features selectable by OTP bits.
• 96-Kbyte ROM for NAND Flash BCH ECC table
– DDR2-SDRAM memory up to 1 Gbit or 64-Mbit SDR-SDRAM memory, 16-bit data bus
– One 64-Kbyte internal SRAM (SRAM0), single-cycle access at system speed
– High Bandwidth Multi-port DDR2/LPDDR Controller (MPDDRC)
– 8-bit External Bus Interface (EBI) supporting 8-bit NAND Flash connected on D16-D23
– NAND Flash Controller, with up to 24-bit Programmable Multi-bit Error Correcting Code (PMECC)
– One 11-Kbyte OTP memory for secure key storage with emulation mode (OTP bits are emulated by a
4-Kbyte SRAM (SRAM1))
• System Running up to 200 MHz
– Power-on Reset cells, Reset Controller, Shutdown Controller, Periodic Interval Timer, Watchdog Timer
running on internal low-power 32-kHz RC and Real Time Clock running on external crystal
– Two internal trimmed RC oscillators: 32 kHz (low-power) and 12 MHz
– Two selectable crystal oscillators: 32.768 kHz (low-power) and 8 to 50 MHz
– One PLL for the system and one PLL optimized for USB high-speed operation (480 MHz)
– One dual-port 16-channel DMA Controller (XDMAC)
– Advanced Interrupt Controller (AIC) and Debug Unit (DBGU)
– JTAG port with disable bit in OTP memory
– Two programmable external clock signals
• Low Power Modes
– Backup mode with RTC, eight 32-bit general purpose backup registers, and Shutdown Controller to control
the external power supply
– Clock Generator and Power Management Controller
– Software-programmable Ultra-Low Power modes: Very Slow Clock Operating Mode (ULP0), and No-Clock
Operating Mode (ULP1) with fast wake-up capabilities
– Software programmable power optimization capabilities
• Peripherals
– LCD Controller with overlay, alpha-blending, rotation, scaling and color conversion. Up to 1024 x 768
resolution
– 2D Graphics Controller supporting Fill BLT, Copy BLT, Transparent BLT, Blend/Alpha BLT, ROP4 BLT
(Raster Operations) and Command Ring Buffer
– ITU-R BT. 601/656, up to 12-bit Image Sensor Interface (ISI)
– One USB Device High Speed, three USB Host High Speed with dedicated On-Chip Transceivers
– Two 10/100 Mbps Ethernet Mac Controller
– Two 4-bit Secure Digital MultiMedia Card Controller (SDMMC)
– Two CAN Controllers
– One Quad I/O SPI Controller
– Two three-channel 32-bit Timer/Counters
– One high resolution (64-bit) Periodic Interval Timer
– One Synchronous Serial Controller
– One Inter-IC Sound (I²S) Multi-Channel Controller (I2SMCC) with TDM support
– One Audio Class D Controller with Single-Ended (SE) or Bridge Tied Load (BTL) connection to power stage
– One four-channel 16-bit PWM Controller
– Thirteen FLEXCOMs (USART, SPI and TWI)
– One 12-channel 12-bit Analog-to-Digital Converter with 4/5 wires resistive touchscreen support
• Hardware Cryptography
– SHA (SHA1, SHA224, SHA256, SHA384, SHA512): compliant with FIPS PUB 180-2
– AES: 256-, 192-, 128-bit key algorithm, compliant with FIPS PUB 197
– TDES: two-key or three-key algorithms, compliant with FIPS PUB 46-3
– True Random Number Generator (TRNG) compliant with NIST Special Publication 800-22 Test Suite and
FIPS PUBs 140-2 and 140-3
• I/O Ports
– Four 32-bit Parallel Input/Output Controllers
– Up to 112 programmable I/O Lines multiplexed with up to three peripheral I/Os
– Input change interrupt capability on each I/O line, optional Schmitt trigger input
– Individually programmable open-drain, pull-up and pull-down resistor, synchronous output
– General-purpose analog and digital inputs tolerant to positive and negative current injection
• Package
– DDR2-SDRAM variant: 233-ball BGA, 14x14 mm², 0.8 mm pitch, optimized for standard class PCB layout
(down to 2 layers)
– SDR-SDRAM variant: 196-ball BGA, 11x11 mm², 0.65 mm pitch, optimized for standard class PCB layout
(down to 4 layers)
• Design for Low Electromagnetic Interference (EMI)
– Slew rate controlled I/Os
– DDR/SDR Phy with impedance-calibrated drivers
– Spread spectrum PLLs
– Careful BGA power/ground ball assignment to provide optimum decoupling capacitors placement
• Operating Conditions
– Ambient temperature range (TA): -40°C to +85°C
– Junction temperature range (TJ) : -40°C to +125°C




Similar Part No. - SAM9X60

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM9X35 ATMEL-SAM9X35 Datasheet
5Mb / 1375P
SMART ARM-based Embedded MPU
logo
Microchip Technology
SAM9X75 MICROCHIP-SAM9X75 Datasheet
837Kb / 36P
SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM
SAM9X75-SIP MICROCHIP-SAM9X75-SIP Datasheet
837Kb / 36P
SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM
SAM9X75D1G MICROCHIP-SAM9X75D1G Datasheet
837Kb / 36P
SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM
SAM9X75D1G-I/4TB MICROCHIP-SAM9X75D1G-I/4TB Datasheet
837Kb / 36P
SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM
More results


Similar Description - SAM9X60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB18T1G400AF INFINEON-HYB18T1G400AF Datasheet
1Mb / 89P
1 Gbit DDR2 SDRAM
V1.02, May 2004
logo
Qimonda AG
HYB18TC1G800AF QIMONDA-HYB18TC1G800AF Datasheet
2Mb / 54P
1-Gbit DDR2 SDRAM
logo
Micron Technology
MT48LC4M16A2B4-75 MICRON-MT48LC4M16A2B4-75 Datasheet
3Mb / 83P
SDR SDRAM
MT48LC4M32B2P-6G MICRON-MT48LC4M32B2P-6G Datasheet
3Mb / 79P
SDR SDRAM
MT48LC4M16A2B4-6AITJ MICRON-MT48LC4M16A2B4-6AITJ Datasheet
3Mb / 83P
SDR SDRAM
MT48LC64M4A2 MICRON-MT48LC64M4A2_12 Datasheet
3Mb / 86P
SDR SDRAM
logo
BOSER Technology Co., L...
HS-2621 BOSER-HS-2621 Datasheet
110Kb / 1P
Intel짰 Atom N270 processor 1 x SO-DIMM up to 2GB DDR2 SDRAM
HS-2627 BOSER-HS-2627 Datasheet
110Kb / 1P
Intel짰 Atom N270 processor 1 x SO-DIMM up to 2GB DDR2 SDRAM
logo
Maxwell Technologies
72SD3232B MAXWELL-72SD3232B Datasheet
601Kb / 41P
1 Gbit SDRAM
logo
Microchip Technology
SAMA5D2 MICROCHIP-SAMA5D2 Datasheet
1Mb / 56P
SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com