Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM9X60 Datasheet(PDF) 6 Page - Microchip Technology

Part # SAM9X60
Description  SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X60 Datasheet(HTML) 6 Page - Microchip Technology

Back Button SAM9X60 Datasheet HTML 2Page - Microchip Technology SAM9X60 Datasheet HTML 3Page - Microchip Technology SAM9X60 Datasheet HTML 4Page - Microchip Technology SAM9X60 Datasheet HTML 5Page - Microchip Technology SAM9X60 Datasheet HTML 6Page - Microchip Technology SAM9X60 Datasheet HTML 7Page - Microchip Technology SAM9X60 Datasheet HTML 8Page - Microchip Technology SAM9X60 Datasheet HTML 9Page - Microchip Technology SAM9X60 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
1.
DDR2-SDRAM Features
• Part Numbers:
– 1-Gbit DDR2-SDRAM device (SAM9X60D1G-I): Winbond W971G16SG2-5I
– 512-Mbit DDR2-SDRAM device (SAM9X60D5M-I): Winbond W975116KG2-5I
• Power Supply: DDRM_VDD = 1.8V ±0.1V
• Double Data Rate Architecture: Two Data Transfers per Clock Cycle
• CAS Latency: 3
• Burst Length: 8
• Bi-Directional, Differential Data Strobes (DQS and DQSN) are Transmitted/Received with Data
• Edge-Aligned with Read Data and Center-Aligned with Write Data
• DLL Aligns DQ and DQS Transitions with Clock
• Differential Clock Inputs (CLK and CLKN)
• Data Masks (DM) for Write Data
• Commands Entered on Each Positive CLK Edge, Data and Data Mask are Referenced to Both Edges of DQS
• Auto-Refresh and Self-Refresh Modes
• Precharged Power-Down and Active Power-Down
• Write Data Mask
• Write Latency = Read Latency - 1 (WL = RL - 1)
• Interface: SSTL_18
SAM9X60 SIP
DDR2-SDRAM Features
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS60001580C-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com