Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM9X60 Datasheet(PDF) 37 Page - Microchip Technology

Part # SAM9X60
Description  SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X60 Datasheet(HTML) 37 Page - Microchip Technology

Back Button SAM9X60 Datasheet HTML 32Page - Microchip Technology SAM9X60 Datasheet HTML 33Page - Microchip Technology SAM9X60 Datasheet HTML 34Page - Microchip Technology SAM9X60 Datasheet HTML 35Page - Microchip Technology SAM9X60 Datasheet HTML 36Page - Microchip Technology SAM9X60 Datasheet HTML 37Page - Microchip Technology SAM9X60 Datasheet HTML 38Page - Microchip Technology SAM9X60 Datasheet HTML 39Page - Microchip Technology SAM9X60 Datasheet HTML 40Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Product Identification System
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Architecture
Memory
D5M
Temperature Range
SAM9X60
I
4FB
/
–
Package
Architecture:
SAM9X60
= ARM926EJ-S Arm Thumb CPU
Memory Type and Size:
D5M
= 512-Mbit DDR2-SDRAM
D1G
= 1-Gbit DDR2-SDRAM
D6K
= 64-Mbit SDR-SDRAM
Carrier Type:
Blank
= Standard packaging (tray)
T
= Tape and Reel
Temperature Range:
I
= -40°C to +85°C (industrial)
Package:
4FB
= TFBGA233
4GB
= TFBGA196
Examples:
• SAM9X60D5M-I/4FB: ARM926EJ-S Arm Thumb CPU, 512-Mbit DDR2-SDRAM, standard packaging, industrial
temperature, 233-ball, TFBGA package
• SAM9X60D6KT-I/4GB: ARM926EJ-S Arm Thumb CPU, 64-Mbit SDR-SDRAM, tape and reel, industrial
temperature, 196-ball, TFBGA package
Notes: 
1.
Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering
purposes and is not printed on the device package. Check with your Microchip Sales Office for package
availability with the Tape and Reel option.
2.
Small form-factor packaging options may be available. Please check www.microchip.com/packaging for small-
form factor package availability, or contact your local Sales Office.
Microchip Devices Code Protection Feature
Note the following details of the code protection feature on Microchip products:
• Microchip products meet the specifications contained in their particular Microchip Data Sheet.
• Microchip believes that its family of products is secure when used in the intended manner, within operating
specifications, and under normal conditions.
• Microchip values and aggressively protects its intellectual property rights. Attempts to breach the code
protection features of Microchip product is strictly prohibited and may violate the Digital Millennium Copyright
Act.
• Neither Microchip nor any other semiconductor manufacturer can guarantee the security of its code. Code
protection does not mean that we are guaranteeing the product is “unbreakable”. Code protection is constantly
evolving. Microchip is committed to continuously improving the code protection features of our products.
SAM9X60 SIP
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS60001580C-page 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com