Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM9X60 Datasheet(PDF) 25 Page - Microchip Technology

Part # SAM9X60
Description  SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X60 Datasheet(HTML) 25 Page - Microchip Technology

Back Button SAM9X60 Datasheet HTML 21Page - Microchip Technology SAM9X60 Datasheet HTML 22Page - Microchip Technology SAM9X60 Datasheet HTML 23Page - Microchip Technology SAM9X60 Datasheet HTML 24Page - Microchip Technology SAM9X60 Datasheet HTML 25Page - Microchip Technology SAM9X60 Datasheet HTML 26Page - Microchip Technology SAM9X60 Datasheet HTML 27Page - Microchip Technology SAM9X60 Datasheet HTML 28Page - Microchip Technology SAM9X60 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
8.
Electrical Characteristics
8.1
Decoupling
100 nF (min) decoupling capacitors must be added on each power supply pin, as close as possible to the device.
8.2
Power Sequences
The DDRM_VDD power rail must be connected to VDDIOM (1.8V or 3.3V) on the PCB. Refer to the section
“Recommended Power Supply Sequencing” in the SAM9X60 data sheet (see Reference Documents).
SAM9X60 SIP
Electrical Characteristics
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS60001580C-page 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com