Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM9X60 Datasheet(PDF) 34 Page - Microchip Technology

Part # SAM9X60
Description  SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X60 Datasheet(HTML) 34 Page - Microchip Technology

Back Button SAM9X60 Datasheet HTML 30Page - Microchip Technology SAM9X60 Datasheet HTML 31Page - Microchip Technology SAM9X60 Datasheet HTML 32Page - Microchip Technology SAM9X60 Datasheet HTML 33Page - Microchip Technology SAM9X60 Datasheet HTML 34Page - Microchip Technology SAM9X60 Datasheet HTML 35Page - Microchip Technology SAM9X60 Datasheet HTML 36Page - Microchip Technology SAM9X60 Datasheet HTML 37Page - Microchip Technology SAM9X60 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
10.
Ordering Information
Table 10-1. Ordering Information
Ordering Code
Memory Type
Memory Size
Package
Carrier Type
Operating
Temperature
Range
SAM9X60D5M-I/4FB
DDR2-SDRAM
512 Mbits
TFBGA233
Tray
-40°C to +85°C
SAM9X60D5MT-I/4FB
DDR2-SDRAM
512 Mbits
TFBGA233
Tape and reel
-40°C to +85°C
SAM9X60D1G-I/4FB
DDR2-SDRAM
1 Gbit
TFBGA233
Tray
-40°C to +85°C
SAM9X60D1GT-I/4FB
DDR2-SDRAM
1 Gbit
TFBGA233
Tape and reel
-40°C to +85°C
SAM9X60D6K-I/4GB
SDR-SDRAM
64 Mbits
TFBGA196
Tray
-40°C to +85°C
SAM9X60D6KT-I/4GB
SDR-SDRAM
64 Mbits
TFBGA196
Tape and reel
-40°C to +85°C
SAM9X60 SIP
Ordering Information
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS60001580C-page 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com