Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM9X60 Datasheet(PDF) 1 Page - Microchip Technology

Part # SAM9X60
Description  SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X60 Datasheet(HTML) 1 Page - Microchip Technology

  SAM9X60 Datasheet HTML 1Page - Microchip Technology SAM9X60 Datasheet HTML 2Page - Microchip Technology SAM9X60 Datasheet HTML 3Page - Microchip Technology SAM9X60 Datasheet HTML 4Page - Microchip Technology SAM9X60 Datasheet HTML 5Page - Microchip Technology SAM9X60 Datasheet HTML 6Page - Microchip Technology SAM9X60 Datasheet HTML 7Page - Microchip Technology SAM9X60 Datasheet HTML 8Page - Microchip Technology SAM9X60 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
SAM9X60 SIP
SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit
DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
Scope
This document is an overview of the main features of the SAM9X60 SIP microprocessor. The sole reference
documents for product information on the SAM9X60 and the DDR2/SDR-SDRAM memories are listed in Reference
Documents.
Introduction
The SAM9X60 SIP integrates the ARM926EJ-S
™ Arm® Thumb® processor-based SAM9X60 MPU with up to 1-Gbit
DDR2-SDRAM or 64-Mbit SDR-SDRAM in a single package.
By combining the SAM9X60 with DDR2/SDR-SDRAM in a single package, PCB routing complexity, area and number
of layers are reduced in the majority of cases. This makes board design easier and more robust by facilitating design
for EMI, ESD and signal integrity.
DDR2-SDRAM memory sizes and package options available:
• 512-Mbit and 1-Gbit DDR2-SDRAM, TFBGA233
SDR-SDRAM memory sizes and package options available:
• 64-Mbit SDRAM, TFBGA196
While the smallest option targets applications with a small OS or bare metal, the larger options are suitable for
applications using Linux
®.
Reference Documents
Type
Document Title
Available
Ref. No.
Data sheet
SAM9X60
www.microchip.com
DS60001579
Errata
SAM9X60 Device Silicon Errata and
Data Sheet Clarification
www.microchip.com
DS80000846
Data sheet
8 Mwords × 4 Banks × 16 bits
DDR2 SDRAM (512 Mbits)
www.winbond.com
W9751G6KB
Data sheet
8 Mwords × 8 Banks × 16 bits
DDR2 SDRAM (1 Gbit)
www.winbond.com
W971GG6SB
Data sheet
1 Mword x 4 Banks x 16 bits SDR
SDRAM (64 Mbits)
www.winbond.com
W9864G6KH
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS60001580C-page 1


Similar Part No. - SAM9X60

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM9X35 ATMEL-SAM9X35 Datasheet
5Mb / 1375P
SMART ARM-based Embedded MPU
logo
Microchip Technology
SAM9X75 MICROCHIP-SAM9X75 Datasheet
837Kb / 36P
SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM
SAM9X75-SIP MICROCHIP-SAM9X75-SIP Datasheet
837Kb / 36P
SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM
SAM9X75D1G MICROCHIP-SAM9X75D1G Datasheet
837Kb / 36P
SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM
SAM9X75D1G-I/4TB MICROCHIP-SAM9X75D1G-I/4TB Datasheet
837Kb / 36P
SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM
More results

Similar Description - SAM9X60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB18T1G400AF INFINEON-HYB18T1G400AF Datasheet
1Mb / 89P
1 Gbit DDR2 SDRAM
V1.02, May 2004
logo
Qimonda AG
HYB18TC1G800AF QIMONDA-HYB18TC1G800AF Datasheet
2Mb / 54P
1-Gbit DDR2 SDRAM
logo
Micron Technology
MT48LC4M16A2B4-75 MICRON-MT48LC4M16A2B4-75 Datasheet
3Mb / 83P
SDR SDRAM
MT48LC4M32B2P-6G MICRON-MT48LC4M32B2P-6G Datasheet
3Mb / 79P
SDR SDRAM
MT48LC4M16A2B4-6AITJ MICRON-MT48LC4M16A2B4-6AITJ Datasheet
3Mb / 83P
SDR SDRAM
MT48LC64M4A2 MICRON-MT48LC64M4A2_12 Datasheet
3Mb / 86P
SDR SDRAM
logo
BOSER Technology Co., L...
HS-2621 BOSER-HS-2621 Datasheet
110Kb / 1P
Intel짰 Atom N270 processor 1 x SO-DIMM up to 2GB DDR2 SDRAM
HS-2627 BOSER-HS-2627 Datasheet
110Kb / 1P
Intel짰 Atom N270 processor 1 x SO-DIMM up to 2GB DDR2 SDRAM
logo
Maxwell Technologies
72SD3232B MAXWELL-72SD3232B Datasheet
601Kb / 41P
1 Gbit SDRAM
logo
Microchip Technology
SAMA5D2 MICROCHIP-SAMA5D2 Datasheet
1Mb / 56P
SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com