Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAF7846HL Datasheet (PDF) - NXP Semiconductors

SAF7846HL Datasheet PDF - NXP Semiconductors
Part # SAF7846HL
Download  SAF7846HL Download
File Size   412.17 Kbytes
Page   93 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description One chip CD audio device with integrated MP3/WMA decoder

SAF7846HL Datasheet (PDF)

Go To PDF Page Download Datasheet
SAF7846HL Datasheet PDF - NXP Semiconductors

Part # SAF7846HL
Download  SAF7846HL Click to download

File Size   412.17 Kbytes
Page   93 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description One chip CD audio device with integrated MP3/WMA decoder

SAF7846HL Datasheet (HTML) - NXP Semiconductors


SAF7846HL Product details

General description
The SAF784x is a single-chip solution CD audio decoder with on-chip MP3 and WMA
decoding, digital servo, audio DAC, sample-rate converter, preamplifier, laser driver and
integrated ARM7TDMI-S microprocessor. The device contains all of the required ROM
and RAM, including an internal re-programmable Flash ROM, and is targeted at low-cost
compressed audio CD applications. The design is a one-chip CD audio decoder IC, with
additions to allow low-cost system implementation of MP3 and WMA decoding.

Features
2.1 Features
- Channel decoder and digital servo
- 32-bit embedded ARM7 RISC microprocessor supporting both 32-bit and 16-bit
(‘Thumb’) instruction sets
- Maximum ARM operating frequency of 76 MHz, equivalent to 68 MIPS
- Decoding of compressed audio stream (MP3/WMA) on ARM7 core
- All memories required for MP3/WMA decoding embedded on chip: combination of
130 kB mask-programmed internal program ROM (to reduce wait-states on
high-speed code, e.g. decompression algorithms), 42 kB boot ROM, 64 kB of internal
re-programmable Flash ROM (for simple re-programming of application code) 110 kB
internal SRAM
- Programmable clock frequency for ARM microprocessor - allowing users to trade-off
power consumption and processing power depending on requirements
- Block decoder hardware to perform C3 error correction
- Sample-rate converter circuit to convert compressed audio sample rates (in the range
8 kHz to 48 kHz) to an output rate of 44.1 kHz
- Microprocessor access to digital representations of the diode input signals from the
optical pickup; the microprocessor can also generate the servo output signals RA, FO,
SL, allowing the possibility of additional servo algorithms in software
- Programmable PDM outputs (effectively sine and cosine) to allow use of stepper motor
for sledge mechanism
- Microprocessor access to audio streams, both from the internal CD decoder and an
external stereo auxiliary input (e.g. an analog source from a tuner, converted to digital
via on-chip ADCs) to allow audio processing algorithms in the ARM microprocessor,
e.g. bass boost, volume control
- Four general-purpose analog inputs (A_IN1 to A_IN4) allowing the ARM
microprocessor access to other external analog signals, e.g. low-cost keypad,
temperature sensor, via on-chip ADCs
- Two additional analog audio inputs (AUX_L, AUX_R) to allow the ARM microprocessor
access to external audio signals (e.g. tuner); allows audio algorithms (e.g. bass boost)
to be performed on external audio signals
- Real-time clock operated from separate 32 kHz crystal; allows low-power Standby
mode with real-time clock still operational
- Watchdog timer
- I2S-bus, S/PDIF, subcode (V4) and subcode sync outputs
- 32 GPIOs
- Two standard UART channels
- Two external interrupt pins
- I2C-bus interface configurable for master or slave modes, supporting 100 kbit/s and
400 kbit/s standards
- Slave I2S-bus mode, in which the channel decoder can synchronize the CD playback
speed to an I2S-bus clock input
- Integrated digital HF/Mirror detector with measurement of minimum and maximum
peak values, amplitude and offset
- Integrated CD-text decoder
- Up to 6´ decode speed, CLV or CAV modes
- LQFP144 package with 0.5 mm pin pitch
- Separate left and right channel digital silence detection available on KILL pins
- Digital silence detection available on loopback data from external source as well as
internal data
- ‘Filterless’ pseudo bit stream audio DAC with minimal external components
- Stereo line outputs for audio DAC
- Loopback mode allowing the use of integrated DAC with external I2S-bus/EIAJ sources
- Compatible with voltage mode mechanisms
- On-chip buffering and filtering of the diode signals from the mechanism in order to
optimize the signals for the decoder and servo parts
- LF (servo) signals converted to digital representations by Sigma-Delta ADCs shared
between pairs of channels to minimize DC offset between channels
- HF part summed from signals D1 to D4 and converted to digital signals by HF 6-bit
ADC
- Selectable DC offset cancellation of quiescent mechanism voltages and dark currents,
digitally controlled; additional fine DC-offset cancellation in digital domain
- Eye pattern monitor system to observe selectable points within the analog pre-amp
- Current and average jitter values available via registers
- On-chip laser power control, up to maximum currents of 120 mA
- Laser on-off control, including ‘soft’-start control - zero-to-nominal output power in
1 ms
- Monitor control and feedback circuit to maintain nominal output power throughout laser
life
- Configured for Nsub (N-substrate) monitor diode
- JTAG interface for device access and ARM code development (compatible with ARM
multi-ICE)
- All digital input pins 5 V tolerant
- Low-latency static memory interface to access a maximum of two 2 MB memory
- This product has been qualified in accordance with AEC-Q100




Similar Part No. - SAF7846HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF7113 PHILIPS-SAF7113 Datasheet
281Kb / 80P
9-bit video input processor
2000 May 08
SAF7113H PHILIPS-SAF7113H Datasheet
281Kb / 80P
9-bit video input processor
2000 May 08
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7115ET NXP-SAF7115ET Datasheet
216Kb / 35P
Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7115HW NXP-SAF7115HW Datasheet
216Kb / 35P
Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
More results


Similar Description - SAF7846HL

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS7410 CIRRUS-CS7410 Datasheet
366Kb / 39P
CD/MP3/WMA Audio Controller
logo
List of Unclassifed Man...
VS1003 ETC-VS1003 Datasheet
456Kb / 57P
MP3 / WMA AUDIO CODEC
AU7842 ETC2-AU7842 Datasheet
217Kb / 17P
USB HOST MP3/WMA DECODER SOC
logo
Princeton Technology Co...
PT8405 PTC-PT8405 Datasheet
161Kb / 3P
MP3/WMA Decoder and MP3 Encoder IC
PT8406 PTC-PT8406 Datasheet
161Kb / 3P
MP3/WMA Decoder IC
PT8405 PTC-PT8405_10 Datasheet
161Kb / 3P
MP3/WMA Decoder and MP3 Encoder IC
PT8406 PTC-PT8406_10 Datasheet
161Kb / 3P
MP3/WMA Decoder IC
logo
NXP Semiconductors
SAA7806 NXP-SAA7806 Datasheet
348Kb / 73P
One chip automotive CD audio device
Rev. 01-20 June 2005
logo
Rohm
BU94605AKV ROHM-BU94605AKV Datasheet
1Mb / 84P
AAC/WMA/MP3 SD Memory Card CD-ROMMP3 Record
logo
VLSI Solution Oy
VS1003 VLSI-VS1003 Datasheet
722Kb / 61P
VS1003 - MP3/WMA AUDIO CODEC
Version: 1.09, 2018-03-16
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com