Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25PE80 Datasheet (PDF) - Renesas Technology Corp

AT25PE80 Datasheet PDF - Renesas Technology Corp
Part # AT25PE80
Download  AT25PE80 Download
File Size   1818.28 Kbytes
Page   61 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Mbit DataFlash-L Page Erase Serial Flash Memory

AT25PE80 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25PE80 Datasheet PDF - Renesas Technology Corp

Part # AT25PE80
Download  AT25PE80 Click to download

File Size   1818.28 Kbytes
Page   61 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Mbit DataFlash-L Page Erase Serial Flash Memory

AT25PE80 Datasheet (HTML) - Renesas Technology Corp


AT25PE80 Product details

Features
 Single 1.7V - 3.6V supply
 Serial Peripheral Interface (SPI) compatible
 Supports SPI modes 0 and 3
 Supports RapidS™ operation
 Continuous read capability through entire array
 Up to 85MHz
 Low-power read option up to 15 MHz
 Clock-to-output time (tV
) of 6ns maximum
 User configurable page size
 256 bytes per page (default)
 264 bytes per page (customer selectable option)
 Two fully independent SRAM data buffers (256/264 bytes)
 Allows receiving data while reprogramming the main memory array
 Flexible programming options
 Byte/Page Program (1 to 256/264 bytes) directly into main memory
 Buffer Write
 Buffer to Main Memory Page Program
 Single Command Page Read-Modify-Write Option
 Flexible erase options
 Page Erase (256/264 bytes)
 Block Erase (2KB)
 Sector Erase (64KB)
 Chip Erase (8-Mbits)
 128-byte Security Register
 128 bytes factory programmed with a unique identifier
 Hardware and software controlled reset options
 JEDEC Standard Manufacturer and Device ID Read
 Low-power dissipation
 300nA Ultra-Deep Power-Down current (typical)
 5µA Deep Power-Down current (typical)
 25µA Standby current (typical)
 7mA Active Read current (typical)
 Endurance: 100,000 program/erase cycles per page minimum
 Data retention: 20 years
 Complies with full industrial temperature range
 Green (Pb/Halide-free/RoHS compliant) packaging options
 8-lead SOIC (0.150" wide and 0.208" wide)
 8-pad Ultra-thin DFN (5 x 6 x 0.6mm)

Description
The AT25PE80 is a 1.7V minimum, serial-interface sequential access Flash memory ideally suited for a wide variety of
digital voice, image, program code, and data storage applications. The AT25PE80 also supports the RapidS serial
interface for applications requiring very high speed operation. Its 8,650,752 bits of memory are organized as 4,096 pages
of 256 bytes or 264 bytes each. In addition to the main memory, the AT25PE80 also contains two SRAM buffers of
256/264 bytes each. The buffers allow receiving of data while a page in the main memory is being reprogrammed.
Interleaving between both buffers can dramatically increase a system's ability to write a continuous data stream. In
addition, the SRAM buffers can be used as additional system scratch pad memory, and E2PROM emulation (bit or byte
alterability) can be easily handled with a self-contained three step read-modify-write operation.
Unlike conventional Flash memories that are accessed randomly with multiple address lines and a parallel interface, the
DataFlash®
-Lite uses a serial interface to sequentially access its data. The simple sequential access dramatically
reduces active pin count, facilitates simplified hardware layout, increases system reliability, minimizes switching noise,
and reduces package size. The device is optimized for use in many commercial and industrial applications where
high-density, low-pin count, low-voltage, and low-power are essential.
To allow for simple in-system re-programmability, the AT25PE80 does not require high input voltages for programming.
The device operates from a single 1.7V to 3.6V power supply for the erase and program and read operations. The
AT25PE80 is enabled through the Chip Select pin (CS) and accessed via a 3-wire interface consisting of the Serial Input
(SI), Serial Output (SO), and the Serial Clock (SCK).
All programming and erase cycles are self-timed.




Similar Part No. - AT25PE80

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25PE80 DIALOG-AT25PE80 Datasheet
1Mb / 63P
8-Mbit DataFlash-L Page Erase Serial Flash Memory
AT25PE80-MHN-T DIALOG-AT25PE80-MHN-T Datasheet
1Mb / 63P
8-Mbit DataFlash-L Page Erase Serial Flash Memory
AT25PE80-MHN-Y DIALOG-AT25PE80-MHN-Y Datasheet
1Mb / 63P
8-Mbit DataFlash-L Page Erase Serial Flash Memory
AT25PE80-SHN-B DIALOG-AT25PE80-SHN-B Datasheet
1Mb / 63P
8-Mbit DataFlash-L Page Erase Serial Flash Memory
AT25PE80-SHN-T DIALOG-AT25PE80-SHN-T Datasheet
1Mb / 63P
8-Mbit DataFlash-L Page Erase Serial Flash Memory
More results


Similar Description - AT25PE80

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25P80 EON-EN25P80 Datasheet
386Kb / 30P
8 Mbit Uniform Sector, Serial Flash Memory
logo
List of Unclassifed Man...
AT45DB081E ETC2-AT45DB081E Datasheet
2Mb / 69P
8-Mbit DataFlash (with Extra 256-Kbits), 1.65V Minimum SPI Serial Flash Memory
AT45DB081E ETC2-AT45DB081E_14 Datasheet
2Mb / 70P
8-Mbit DataFlash (with Extra 256-Kbits), 1.7V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT25PE16 DIALOG-AT25PE16 Datasheet
922Kb / 63P
16-Mbit DataFlash-L Page Erase Serial Flash Memory
AT25PE20 DIALOG-AT25PE20 Datasheet
1Mb / 64P
2-Mbit DataFlash-L Page Erase Serial Flash Memory
AT25PE40 DIALOG-AT25PE40 Datasheet
1Mb / 63P
4-Mbit DataFlash-L Page Erase Serial Flash Memory
AT25PE80 DIALOG-AT25PE80 Datasheet
1Mb / 63P
8-Mbit DataFlash-L Page Erase Serial Flash Memory
logo
Renesas Technology Corp
AT25PE16 RENESAS-AT25PE16 Datasheet
2Mb / 62P
16-Mbit DataFlash-L Page Erase Serial Flash Memory
2/2022
AT25PE20 RENESAS-AT25PE20 Datasheet
2Mb / 63P
2-Mbit DataFlash-L Page Erase Serial Flash Memory
2/2022
AT25PE40 RENESAS-AT25PE40 Datasheet
2Mb / 62P
4-Mbit DataFlash-L Page Erase Serial Flash Memory
2/2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com