Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25PE80 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # AT25PE80
Description  8-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25PE80 Datasheet(HTML) 2 Page - Renesas Technology Corp

  AT25PE80 Datasheet HTML 1Page - Renesas Technology Corp AT25PE80 Datasheet HTML 2Page - Renesas Technology Corp AT25PE80 Datasheet HTML 3Page - Renesas Technology Corp AT25PE80 Datasheet HTML 4Page - Renesas Technology Corp AT25PE80 Datasheet HTML 5Page - Renesas Technology Corp AT25PE80 Datasheet HTML 6Page - Renesas Technology Corp AT25PE80 Datasheet HTML 7Page - Renesas Technology Corp AT25PE80 Datasheet HTML 8Page - Renesas Technology Corp AT25PE80 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
2
AT25PE80
DS-25PE80-141D–2/2022
Description
The AT25PE80 is a 1.7V minimum, serial-interface sequential access Flash memory ideally suited for a wide variety of
digital voice, image, program code, and data storage applications. The AT25PE80 also supports the RapidS serial
interface for applications requiring very high speed operation. Its 8,650,752 bits of memory are organized as 4,096 pages
of 256 bytes or 264 bytes each. In addition to the main memory, the AT25PE80 also contains two SRAM buffers of
256/264 bytes each. The buffers allow receiving of data while a page in the main memory is being reprogrammed.
Interleaving between both buffers can dramatically increase a system's ability to write a continuous data stream. In
addition, the SRAM buffers can be used as additional system scratch pad memory, and E2PROM emulation (bit or byte
alterability) can be easily handled with a self-contained three step read-modify-write operation.
Unlike conventional Flash memories that are accessed randomly with multiple address lines and a parallel interface, the
DataFlash®-Lite uses a serial interface to sequentially access its data. The simple sequential access dramatically
reduces active pin count, facilitates simplified hardware layout, increases system reliability, minimizes switching noise,
and reduces package size. The device is optimized for use in many commercial and industrial applications where
high-density, low-pin count, low-voltage, and low-power are essential.
To allow for simple in-system re-programmability, the AT25PE80 does not require high input voltages for programming.
The device operates from a single 1.7V to 3.6V power supply for the erase and program and read operations. The
AT25PE80 is enabled through the Chip Select pin (CS) and accessed via a 3-wire interface consisting of the Serial Input
(SI), Serial Output (SO), and the Serial Clock (SCK).
All programming and erase cycles are self-timed.
1.
Pin Configurations and Pinouts
Figure 1-1.
Pinouts
Note:
1.
The metal pad on the bottom of the UDFN package is not internally connected to a voltage potential.
This pad can be a “no connect” or connected to GND.
1
2
3
4
8
7
6
5
CS
SO
WP
GND
Vcc
RESET
SCK
SI
8-lead SOIC
Top View
CS
SO
WP
GND
Vcc
RESET
SCK
SI
8
7
6
5
1
2
3
4
8-pad UDFN
Top View
(through package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com