Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25PE80 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # AT25PE80
Description  8-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25PE80 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button AT25PE80 Datasheet HTML 9Page - Renesas Technology Corp AT25PE80 Datasheet HTML 10Page - Renesas Technology Corp AT25PE80 Datasheet HTML 11Page - Renesas Technology Corp AT25PE80 Datasheet HTML 12Page - Renesas Technology Corp AT25PE80 Datasheet HTML 13Page - Renesas Technology Corp AT25PE80 Datasheet HTML 14Page - Renesas Technology Corp AT25PE80 Datasheet HTML 15Page - Renesas Technology Corp AT25PE80 Datasheet HTML 16Page - Renesas Technology Corp AT25PE80 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
13
AT25PE80
DS-25PE80-141D–2/2022
6.7
Page Erase
The Page Erase command can be used to individually erase any page in the main memory array allowing the Buffer to
Main Memory Page Program without Built-In Erase command or the Main Memory Byte/Page Program through Buffer 1
command to be utilized at a later time.
To perform a Page Erase with the optional DataFlash-L page size (264 bytes), an opcode of 81h must be clocked into the
device followed by three address bytes comprised of 3 dummy bits, 12 page address bits (PA11 - PA0) that specify the
page in the main memory to be erased, and 9 dummy bits.
To perform a Page Erase with the default page size (256 bytes), an opcode of 81h must be clocked into the device
followed by three address bytes comprised of 4 dummy bits, 12 page address bits (A19 - A8) that specify the page in the
main memory to be erased, and 8 dummy bits.
When a low-to-high transition occurs on the CS pin, the device will erase the selected page (the erased state is a
Logic 1). The erase operation is internally self-timed and should take place in a maximum time of t
PE. During this time, the
RDY/BUSY bit in the Status Register will indicate that the device is busy.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase properly. If
an erase error arises, it will be indicated by the EPE bit in the Status Register.
6.8
Block Erase
The Block Erase command can be used to erase a block of eight pages at one time. This command is useful when
needing to pre-erase larger amounts of memory and is more efficient than issuing eight separate Page Erase
commands.
To perform a Block Erase with the optional DataFlash-L page size (264 bytes), an opcode of 50h must be clocked into
the device followed by three address bytes comprised of 3 dummy bits, 9 page address bits (PA11 - PA3), and
12 dummy bits. The 9 page address bits are used to specify which block of eight pages is to be erased.
To perform a Block Erase with the default page size (256 bytes), an opcode of 50h must be clocked into the device
followed by three address bytes comprised of 4 dummy bits, 9 page address bits (A19 - A11), and 11 dummy bits. The 9
page address bits are used to specify which block of eight pages is to be erased.
When a low-to-high transition occurs on the CS pin, the device will erase the selected block of eight pages. The erase
operation is internally self-timed and should take place in a maximum time of t
BE. During this time, the RDY/BUSY bit in
the Status Register will indicate that the device is busy.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase properly. If
an erase error arises, it will be indicated by the EPE bit in the Status Register.
Table 6-1.
Block Erase Addressing
PA11/
A19
PA10/
A18
PA9/
A17
PA8/
A16
PA7/
A15
PA6/
A14
PA5/
A13
PA4/
A12
PA3/
A11
PA2/
A10
PA1/
A9
PA0/
A8
Block
0
0
0
0
0
0
0
0
0
X
X
X
0
0
0
0
0
0
0
0
0
1
X
X
X
1
0
0
0
0
0
0
0
1
0
X
X
X
2
0
0
0
0
0
0
0
1
1
X
X
X
3
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
1
1
1
1
1
1
1
0
0
X
X
X
508
1
1
1
1
1
1
1
0
1
X
X
X
509
1
1
1
1
1
1
1
1
0
X
X
X
510
1
1
1
1
1
1
1
1
1
X
X
X
511



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com