Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25PE80 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # AT25PE80
Description  8-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25PE80 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button AT25PE80 Datasheet HTML 17Page - Renesas Technology Corp AT25PE80 Datasheet HTML 18Page - Renesas Technology Corp AT25PE80 Datasheet HTML 19Page - Renesas Technology Corp AT25PE80 Datasheet HTML 20Page - Renesas Technology Corp AT25PE80 Datasheet HTML 21Page - Renesas Technology Corp AT25PE80 Datasheet HTML 22Page - Renesas Technology Corp AT25PE80 Datasheet HTML 23Page - Renesas Technology Corp AT25PE80 Datasheet HTML 24Page - Renesas Technology Corp AT25PE80 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
21
AT25PE80
DS-25PE80-141D–2/2022
8.
Security Features
8.1
Security Register
The device contains a specialized Security Register that can be used for purposes such as unique device serialization or
locked key storage. The register is comprised of a total of 128 bytes (byte locations 0 through 127). All 128 bytes of the
Security Register are factory programmed by Adesto and will contain a unique value for each device. The factory
programmed data is fixed and cannot be changed.
Table 8-1.
Security Register
8.1.1
Reading the Security Register
To read the Security Register, an opcode of 77h and three dummy bytes must be clocked into the device. After the last
dummy bit has been clocked in, the contents of the Security Register can be clocked out on the SO pin. After the last
byte of the Security Register has been read, additional pulses on the SCK pin will result in undefined data being output
on the SO pin.
Deasserting the CS pin will terminate the Read Security Register operation and put the SO pin into a high-impedance
state.
Figure 8-1.
Read Security Register
Security Register Byte Number
0
1
· · ·
· · ·
· · ·
127
Data Type
Factory Programmed by Adesto
77h
XX
XX
XX
Data
n
Data
n + 1
CS
Data
n + x
SI
SO
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com