Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70V27 Datasheet (PDF) - Renesas Technology Corp

70V27 Datasheet PDF - Renesas Technology Corp
Part # 70V27
Download  70V27 Download
File Size   339.38 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM

70V27 Datasheet (PDF)

Go To PDF Page Download Datasheet
70V27 Datasheet PDF - Renesas Technology Corp

Part # 70V27
Download  70V27 Click to download

File Size   339.38 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM

70V27 Datasheet (HTML) - Renesas Technology Corp


70V27 Product details

Features:
◆ True Dual-Ported memory cells which allow simultaneous
access of the same memory location
◆ High-speed access
– Commercial: 15/20/25/35/55ns (max.)
– Industrial: 15/20/35ns (max.)
◆ Low-power operation
– IDT70V27S
Active: 500mW (typ.)
Standby: 3.3mW (typ.)
– IDT70V27L
Active: 500mW (typ.)
Standby: 660μW (typ.)
◆ Separate upper-byte and lower-byte control for bus
matching capability
◆ On-chip port arbitration logic
◆ Dual chip enables allow for depth expansion without
external logic
◆ IDT70V27 easily expands data bus width to 32 bits or more
using the Master/Slave select when cascading more than
one device
◆ M/S = VIH for BUSY output flag on Master,
M/S = VIL for BUSY input on Slave
◆ Busy and Interrupt Flags
◆ Full on-chip hardware support of semaphore signaling
between ports
◆ Fully asynchronous operation from either port
◆ LVTTL-compatible, single 3.3V (±0.3V) power supply
◆ Available in 100-pin Thin Quad Flatpack (TQFP)
◆ Industrial temperature range (-40°C to +85°C) is available
for selected speeds
◆ Green parts available, see ordering information




Similar Part No. - 70V27

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V27L15BFG IDT-70V27L15BFG Datasheet
363Kb / 21P
HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
70V27L15BFG8 IDT-70V27L15BFG8 Datasheet
363Kb / 21P
HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
70V27L15BFGI IDT-70V27L15BFGI Datasheet
363Kb / 21P
HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
70V27L15BFGI8 IDT-70V27L15BFGI8 Datasheet
363Kb / 21P
HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
70V27L15PFG IDT-70V27L15PFG Datasheet
363Kb / 21P
HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
More results


Similar Description - 70V27

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7027S IDT-IDT7027S Datasheet
160Kb / 19P
HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S Datasheet
192Kb / 22P
HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V9279S IDT-IDT70V9279S Datasheet
337Kb / 19P
HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S_12 Datasheet
363Kb / 21P
HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_15 Datasheet
690Kb / 20P
HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S_18 Datasheet
243Kb / 21P
HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_18 Datasheet
188Kb / 20P
HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com