Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70V07 Datasheet (PDF) - Renesas Technology Corp

70V07 Datasheet PDF - Renesas Technology Corp
Part # 70V07
Download  70V07 Download
File Size   526.69 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM

70V07 Datasheet (PDF)

Go To PDF Page Download Datasheet
70V07 Datasheet PDF - Renesas Technology Corp

Part # 70V07
Download  70V07 Click to download

File Size   526.69 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM

70V07 Datasheet (HTML) - Renesas Technology Corp


70V07 Product details

Features
◆ True Dual-Ported memory cells which allow simultaneous
access of the same memory location
◆ High-speed access
– Commercial: 25/35/55ns (max.)
– Industrial: 35ns (max.)
◆ Low-power operation
– IDT70V07S
Active: 300mW (typ.)
Standby: 3.3mW (typ.)
– IDT70V07L
Active: 300mW (typ.)
Standby: 660μW (typ.)
◆ Interrupt Flag
◆ IDT70V07 easily expands data bus width to 16 bits or more
using the Master/Slave select when cascading more than
one device
◆ M/S = VIH for BUSY output flag on Master
M/S = VIL for BUSY input on Slave
◆ On-chip port arbitration logic
◆ Full on-chip hardware support of semaphore signaling
between ports
◆ Fully asynchronous operation from either port
◆ TTL-compatible, single 3.3V (±0.3V) power supply
◆ Available in 68-pin PGA and a 80-pin TQFP
◆ Industrial temperature range (-40°C to +85°C) is available
for selected speeds
◆ Green parts available, see ordering information




Similar Part No. - 70V07

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V07L25GG IDT-70V07L25GG Datasheet
163Kb / 19P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
70V07L25GG IDT-70V07L25GG Datasheet
182Kb / 19P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
70V07L25GG8 IDT-70V07L25GG8 Datasheet
163Kb / 19P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
70V07L25GG8 IDT-70V07L25GG8 Datasheet
182Kb / 19P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
70V07L25GGI IDT-70V07L25GGI Datasheet
163Kb / 19P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
More results


Similar Description - 70V07

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_13 Datasheet
163Kb / 19P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V27 RENESAS-70V27 Datasheet
339Kb / 22P
HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
JANUARY 2019
70V9089 RENESAS-70V9089 Datasheet
514Kb / 20P
HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com