Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7007S Datasheet (PDF) - Integrated Device Technology

IDT7007S Datasheet PDF - Integrated Device Technology
Part # IDT7007S
Download  IDT7007S Download
File Size   257.8 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM

IDT7007S Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT7007S Datasheet PDF - Integrated Device Technology

Part # IDT7007S
Download  IDT7007S Click to download

File Size   257.8 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM

IDT7007S Datasheet (HTML) - Integrated Device Technology


IDT7007S Product details

Description
The IDT7007 is a high-speed 32K x 8 Dual-Port Static RAM. The IDT7007 is designed to be used as a stand-alone 256K-bit Dual-Port RAM or as a combination MASTER/SLAVE Dual-Port RAM for 16-bit-ormore word systems.

Features
◆ True Dual-Ported memory cells which allow simultaneous
   reads of the same memory location
◆ High-speed access
   – Military: 25/35/55ns (max.)
   – Industrial: 20/25/35/55ns (max.)
   – Commercial: 15/20/25/35/55ns (max.)
◆ Low-power operation
   – IDT7007S
      Active: 850mW (typ.)
      Standby: 5mW (typ.)
   – IDT7007L
      Active: 850mW (typ.)
      Standby: 1mW (typ.)
◆ IDT7007 easily expands data bus width to 16 bits or
   more using the Master/Slave select when cascading
   more than one device
◆ M/S = H for BUSY output flag on Master,
   M/S = L for BUSY input on Slave
◆ Interrupt Flag
◆ On-chip port arbitration logic
◆ Full on-chip hardware support of semaphore signaling
   between ports
◆ Fully asynchronous operation from either port
◆ TTL-compatible, single 5V (±10%) power supply
◆ Available in 68-pin PGA and PLCC and a 80-pin TQFP
◆ Industrial temperature range (–40°C to +85°C) is available
   for selected speeds
◆ Green parts available, see ordering information




Similar Part No. - IDT7007S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
More results


Similar Description - IDT7007S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT709079S IDT-IDT709079S Datasheet
309Kb / 17P
HIGH-SPEED 32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_13 Datasheet
163Kb / 19P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_15 Datasheet
690Kb / 20P
HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT709089 IDT-IDT709089 Datasheet
192Kb / 17P
HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
709089 RENESAS-709089 Datasheet
374Kb / 18P
HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
JANUARY 2018
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com