Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT70V07S Datasheet (PDF) - Integrated Device Technology

IDT70V07S Datasheet PDF - Integrated Device Technology
Part # IDT70V07S
Download  IDT70V07S Download
File Size   246.84 Kbytes
Page   18 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM

IDT70V07S Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT70V07S Datasheet PDF - Integrated Device Technology

Part # IDT70V07S
Download  IDT70V07S Click to download

File Size   246.84 Kbytes
Page   18 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM

IDT70V07S Datasheet (HTML) - Integrated Device Technology


IDT70V07S Product details

Description
The IDT70V07 is a high-speed 32K x 8 Dual-Port Static RAM. The IDT70V07 is designed to be used as a stand-alone 256K-bit Dual-Port RAM or as a combination MASTER/SLAVE Dual-Port RAM for 16-bit-or-more word systems.

Features
◆ True Dual-Ported memory cells which allow simultaneous
   access of the same memory location
◆ High-speed access
   – Commercial: 25/35/55ns (max.)
   – Industrial: 25/35ns (max.)
◆ Low-power operation
   – IDT70V07S
      Active: 300mW (typ.)
      Standby: 3.3mW (typ.)
   – IDT70V07L
      Active: 300mW (typ.)
      Standby: 660µW (typ.)
◆ Interrupt Flag
◆ IDT70V07 easily expands data bus width to 16 bits or more
   using the Master/Slave select when cascading more than
   one device
◆ M/S = VIH for BUSY output flag on Master
   M/S = VIL for BUSY input on Slave
◆ On-chip port arbitration logic
◆ Full on-chip hardware support of semaphore signaling
   between ports
◆ Fully asynchronous operation from either port
◆ TTL-compatible, single 3.3V (±0.3V) power supply
◆ Available in 68-pin PGA and PLCC, and a 80-pin TQFP
◆ Industrial temperature range (-40°C to +85°C) is available
   for selected speeds
◆ Green parts available, see ordering information




Similar Part No. - IDT70V07S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S Datasheet
162Kb / 18P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S Datasheet
163Kb / 19P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S Datasheet
182Kb / 19P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S25G IDT-IDT70V07S25G Datasheet
162Kb / 18P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S25GI IDT-IDT70V07S25GI Datasheet
162Kb / 18P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
More results


Similar Description - IDT70V07S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_13 Datasheet
163Kb / 19P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
70V27 RENESAS-70V27 Datasheet
339Kb / 22P
HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
JANUARY 2019
70V9089 RENESAS-70V9089 Datasheet
514Kb / 20P
HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com