Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

709089 Datasheet (PDF) - Renesas Technology Corp

709089 Datasheet PDF - Renesas Technology Corp
Part # 709089
Download  709089 Download
File Size   374.23 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM

709089 Datasheet (PDF)

Go To PDF Page Download Datasheet
709089 Datasheet PDF - Renesas Technology Corp

Part # 709089
Download  709089 Click to download

File Size   374.23 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM

709089 Datasheet (HTML) - Renesas Technology Corp


709089 Product details

Features:
◆ True Dual-Ported memory cells which allow simultaneous
access of the same memory location
◆ High-speed clock to data access
– Commercial: 9/12/15ns (max.)
– Industrial: 12ns (max.)
◆ Low-power operation
– IDT709089/79S
Active: 950mW (typ.)
Standby: 5mW (typ.)
– IDT709089/79L
Active: 950mW (typ.)
Standby: 1mW (typ.)
◆ Flow-Through or Pipelined output mode on either port the FT/PIPE pin
◆ Counter enable and reset features




Similar Part No. - 709089

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
709089L12PFG IDT-709089L12PFG Datasheet
192Kb / 17P
HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
709089L12PFG8 IDT-709089L12PFG8 Datasheet
192Kb / 17P
HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
709089L12PFGI IDT-709089L12PFGI Datasheet
192Kb / 17P
HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
709089L12PFGI8 IDT-709089L12PFGI8 Datasheet
192Kb / 17P
HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
709089L15PFG IDT-709089L15PFG Datasheet
192Kb / 17P
HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
More results


Similar Description - 709089

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9189 IDT-IDT70V9189 Datasheet
305Kb / 17P
HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709079S IDT-IDT709079S Datasheet
309Kb / 17P
HIGH-SPEED 32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709089 IDT-IDT709089 Datasheet
192Kb / 17P
HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9089 RENESAS-70V9089 Datasheet
514Kb / 20P
HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
IDT70V9189 RENESAS-IDT70V9189 Datasheet
513Kb / 18P
HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com