Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED101TR Datasheet (PDF) - STMicroelectronics

HVLED101TR Datasheet PDF - STMicroelectronics
Part # HVLED101TR
Download  HVLED101TR Download
File Size   575.42 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Advanced high power factor flyback controller with valley locking and maximum power control

HVLED101TR Datasheet (PDF)

Go To PDF Page Download Datasheet
HVLED101TR Datasheet PDF - STMicroelectronics

Part # HVLED101TR
Download  HVLED101TR Click to download

File Size   575.42 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Advanced high power factor flyback controller with valley locking and maximum power control

HVLED101TR Datasheet (HTML) - STMicroelectronics


HVLED101TR Product details

Features
• Quasi-Resonant (QR) topology
• Primary side regulation of output voltage
• Direct optocoupler connection for secondary side regulated loop
• High power factor and low THD in universal and extended range (PF> 0.9 and
THD < 5% @ full load and < 10% @ 1/3 load)
• 800 V fast high-voltage startup
• Extremely low input power at no-load and standby conditions
• Integrated input voltage detection for high power factor capabilty, DC rail
detection and protection triggering
• Programmable frequency foldback with valley locking for noise free operation
• Programmable maximum input power limitation for safety standard compliancy
• Programmable brownout and input overvoltage protection
• Latch-free device guarantee by smart Auto Restart Timer (ART)
• Input pin for remote protection with NTC management (threshold hysteresis
and linearization)

Application
• Single-stage LED drivers with high power factor up to 180 W
• Two-stage LED drivers up to 200 W

Description
The HVLED101 is an enhanced peak current mode controller able to control mainly
high power factor (HPF) flyback or buck-boost topologies having an output power
up to 180 W. Some other topologies, like buck, boost and SEPIC could also be
implemented. Primary Side Regulation of output voltage and Optocoupler control
can be applied independently on the chip both exploiting precise regulation and
very low standby power during no-load conditions. The innovative ST high-voltage
technology allows to directly connect the HVLED101 to the input voltage in order to
both start up the device and monitor the input voltage without the need of external
components. Integrated valley locking feature guarantees noise free operation during
medium and low load operation and maximum power control allows limiting the input
power to a level programmable by the user to increase converter safety. Abnormal
conditions like open circuit, output short-circuit, input overvoltage or undervoltage,
external protection circuitries and circuit failures like open loop and overcurrent of the
main switch are effectively controlled. A smart Auto Restart Timer (ART) function is
built in to guarantee an automatic application recover, without any loss of reliability.




Similar Part No. - HVLED101TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HVLED001 STMICROELECTRONICS-HVLED001 Datasheet
623Kb / 27P
800 V high voltage start-up
13-Jan-2015
HVLED001A STMICROELECTRONICS-HVLED001A Datasheet
724Kb / 30P
Offline controller for LED lighting with constant voltage primarysensing and high power factor
26-May-2016
HVLED001ATR STMICROELECTRONICS-HVLED001ATR Datasheet
724Kb / 30P
Offline controller for LED lighting with constant voltage primarysensing and high power factor
26-May-2016
HVLED001B STMICROELECTRONICS-HVLED001B Datasheet
1Mb / 33P
High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
15-Jan-2019
HVLED001BTR STMICROELECTRONICS-HVLED001BTR Datasheet
1Mb / 33P
High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
15-Jan-2019
More results


Similar Description - HVLED101TR

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4813 MICRO-LINEAR-ML4813 Datasheet
265Kb / 15P
Flyback Power Factor Controller
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863_05 Datasheet
306Kb / 27P
Power Factor Controller IC for High Power Factor and Low THD
Rev.2, Feb. 2005
logo
ON Semiconductor
NCP1927 ONSEMI-NCP1927 Datasheet
537Kb / 24P
Combination Power Factor Correction Controller and Flyback Controller for Flat
June, 2011 ??Rev. 0
logo
Leadtrend Technology
LD7830 LEADTREND-LD7830 Datasheet
495Kb / 18P
High Power Factor Flyback LED Controller with HV Start-up
LD7831 LEADTREND-LD7831 Datasheet
569Kb / 17P
High Power Factor Primary Side Flyback LED Controller With HV Start-up
LD7833V LEADTREND-LD7833V Datasheet
327Kb / 17P
High Power Factor Primary Side Flyback LED Controller With TRIAC Dimming
LD7838 LEADTREND-LD7838 Datasheet
571Kb / 15P
High Power Factor Flyback LED Controller with HV Start-up
logo
SIFIRST TECHNOLOGIES NA...
SFL320 SIFIRST-SFL320 Datasheet
57Kb / 2P
High Power Factor Flyback PWM Controller
SFL330 SIFIRST-SFL330 Datasheet
57Kb / 2P
High Performance, High Power Factor Flyback PWM Controller
logo
STMicroelectronics
HVLED001B STMICROELECTRONICS-HVLED001B Datasheet
1Mb / 33P
High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
15-Jan-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com