Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED101TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # HVLED101TR
Description  Advanced high power factor flyback controller with valley locking and maximum power control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED101TR Datasheet(HTML) 5 Page - STMicroelectronics

  HVLED101TR Datasheet HTML 1Page - STMicroelectronics HVLED101TR Datasheet HTML 2Page - STMicroelectronics HVLED101TR Datasheet HTML 3Page - STMicroelectronics HVLED101TR Datasheet HTML 4Page - STMicroelectronics HVLED101TR Datasheet HTML 5Page - STMicroelectronics HVLED101TR Datasheet HTML 6Page - STMicroelectronics HVLED101TR Datasheet HTML 7Page - STMicroelectronics HVLED101TR Datasheet HTML 8Page - STMicroelectronics HVLED101TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Symbol Pin
Description
OPTO
7
This pin is intended to be directly connected to the collector of the optocoupler or to the output of the error
amplifier of a non-isolated topology: a pull-up current together with gain resistance is embedded in this pin.
The OPTO pin voltage is internally connected to the multiplier, together with FB pin voltage and MCP voltage
in an “OR-ed” structure.
Deep low consumption mode is invoked pulling this pin lower than the VBM threshold that features as
burst-mode level when OPTO is used.
THD
8
A ceramic capacitor is placed between this pin and SGND to set the time constant of the THD optimizer unit.
It is strongly recommended to use small package ceramic capacitors, placed as close to the above mentioned
pins as possible, to avoid any undesired noise injection.
SGND
9
Reference pin for signal’s ground potential.
ZCD
10
Multiple function pin able to detect the zero current instant, to sense the output voltage for primary side
regulation (PSR) and to compensate the peak current detection propagation delay (VFF).
The delay time between zero current instant detection and MOSFET turn-on is programmed by the resistance
between DLY/CFG pin and SGND.
An internal starter unit is active to generate the triggering signal when not externally available (for example, at
startup).
Valley skipping counter is fed by internal ZCD signal processor.
Adaptive minimum turn-off time (for example, the blanking after turn-on), larger during UVP condition, is
implemented.
CS
11
Input of the current sense comparator for the power regulation.
The current sense resistor (RCS, from primary MOSFET source to ground) must be connected to this pin
through a series resistance (RFF): this resistor is fed by an internal current, proportional to ZCD pin current
during MOSFET on time interval, that creates the offset to compensate for the PWM comparator propagation
delay.
A leading-edge blanking time avoids false triggering of the MOSFET’s turn-off due to the noise that may be
generated after gate driver turn-on.
PGND
12
Reference pin for VCC and gate driver.
GD
13
Gate driver output.
The output stage is suitable to directly drive power MOSFETs.
An internal pulldown resistor aims to keep the MOSFET off during low power operating modes.
VCC
14
Supply voltage of the IC.
Internal UVLO logic prevents the operation at voltages that are insufficient for an efficient gate driving or
internal signal processing.
Both a bulk capacitor (typically around 22 µF) and a high frequency filter capacitor (100 nF ceramic, mounted
as close to the device as possible) should be connected between this pin and PGND.
HVLED101
Pin Settings
DS14143 - Rev 2
page 5/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com