Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED101TR Datasheet(PDF) 16 Page - STMicroelectronics

Part # HVLED101TR
Description  Advanced high power factor flyback controller with valley locking and maximum power control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED101TR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button HVLED101TR Datasheet HTML 12Page - STMicroelectronics HVLED101TR Datasheet HTML 13Page - STMicroelectronics HVLED101TR Datasheet HTML 14Page - STMicroelectronics HVLED101TR Datasheet HTML 15Page - STMicroelectronics HVLED101TR Datasheet HTML 16Page - STMicroelectronics HVLED101TR Datasheet HTML 17Page - STMicroelectronics HVLED101TR Datasheet HTML 18Page - STMicroelectronics HVLED101TR Datasheet HTML 19Page - STMicroelectronics HVLED101TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
6.3.1
Multiplier and THD optimization
The HVLED101 is primarily intended to deliver power to a load from an AC line. A multiplier is needed to shape
the current sense threshold and obtain the desired power factor correction.
The proprietary THD optimizer embedded into HVLED101 minimizes the distortion of the absorbed AC current
(THD) and maximizes the Power Factor (PF), independently from the particular set-up of the transformer (turn
ratio and primary inductance).
The THD optimization unit is placed between the multiplier output and the current sense threshold limiter and is
active during active mode only.
The IC performance is optimized for the use of a transformer that has a reflected voltage (Vout times turn ratio)
into a range between 100 V and 250 V.
The current sense threshold is given by the following relationship:
VCS= VHVSU
VHVSU_pk∙ KMδTHDθ ∙ VFBint−VOS
Figure 8. Multiplier and THD optimizer block diagram
VMULT
CTHD
VPK
Vmult,norm
FB
OPTO
MIN
(FB, OPTO)
VFBint
VOS
-
+
VCS-TH
V to I
converter
HVSU
ACTIVE MODE
1/X
KMPC-X
MPC
Fc = 10kHz
K_hv_CFG
GD
RTHD
MIN
(FBint, MPC)
THD
Where KM is the DC gain of the THD optimizer and δTHD(θ) is the duty cycle of the internal optimizer MOSFET.
An external Capacitor, CTHD, connected between THD pin and GND is used to filter the switching frequency from
VCS threshold. The value of such capacitor must be selected in order to obtain:
τTHD=RTHD∙CTHD= 3to5 ∙ 1FSW_min
The internal THD switch is normally switched together with GD: if valley skipping operation is running, the THD
pin is put in high impedance on in correspondence with the 6th valid falling edge of ZCD signal.
The THD MOSFET activity is described in Table 7.
The minimum value of VCS is set to VCS-RU during startup or VCS-MIN when PSR burst-mode is activated, while it
is zero during normal operation.
The peak detector of the input voltage divider is intended to operate when the peak amplitude (or DC value) of the
input voltage is between 105 V and 480 V (CFG1, CFG2 or CFG5) or between 175 V and 760 V (CFG3 or CFG4).
HVLED101
Control loop
DS14143 - Rev 2
page 16/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com