Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED101TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # HVLED101TR
Description  Advanced high power factor flyback controller with valley locking and maximum power control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED101TR Datasheet(HTML) 4 Page - STMicroelectronics

  HVLED101TR Datasheet HTML 1Page - STMicroelectronics HVLED101TR Datasheet HTML 2Page - STMicroelectronics HVLED101TR Datasheet HTML 3Page - STMicroelectronics HVLED101TR Datasheet HTML 4Page - STMicroelectronics HVLED101TR Datasheet HTML 5Page - STMicroelectronics HVLED101TR Datasheet HTML 6Page - STMicroelectronics HVLED101TR Datasheet HTML 7Page - STMicroelectronics HVLED101TR Datasheet HTML 8Page - STMicroelectronics HVLED101TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
3
Pin Settings
Figure 4. Device pinout
HVSU
N.C.
FAULT
VCC
VL
CS
PGND
GD
1
2
3
4
5
10
11
14
13
12
FB
OPTO
6
7
ZCD
8
9
DLY/CFG
SGND
THD
Table 1. Pin description
Symbol Pin
Description
HVSU
1
High-voltage startup and input voltage detection.
The pin, able to withstand 800 V, is to be connected to either the DC side of the input rectifier bridge, using a
low value resistor (1 kΩ typ), or the AC side of a rectifier bridge with two diodes.
It embeds the internal startup unit that quickly charges the capacitor connected between VCC pin and PGND
pin during startup and low consumption.
During operational mode, this pin measures the input voltage to obtain high power factor and to detect both
input overvoltage and undervoltage, according to protection configuration, selected on the DLY/CFG pin.
N.C.
2
Not connected pin for clearance.
FAULT
3
This pin is intended to stop the IC when either the voltage goes below an internal threshold or the pin is left
floating.
It is suitable to supply an NTC thermistor. The hysteresis of lower disable threshold results in a thermal
hysteresis when NTC is connected. When the functionality is unused, connect a 33 kΩ resistor between
FAULT pin and SGND.
DLY/CFG 4
The parallel of a resistor and a capacitor is connected between this pin and SGND pin: the value of the
resistance sets the delay time between ZCD detection and MOSFET turn-on, while the time constant of the
RC network selects the input detection configuration and protection. Recommended values ranges are 22 ÷
560 kΩ for R and 10 pF ÷ 100 nF for C.
VL
5
The voltage applied to this pin controls valley locking and frequency fold-back operation. It is internally biased
with a current that is proportional to the minimum between the voltages that are present at the FB pin and
at the OPTO pin (the internal FBint signal). The level of the frequency fold-back depth is set by a resistor
connected to SGND. A capacitor between the VL pin and SGND can be used to filter the fluctuations of FBint
signal.
FB
6
Output of the primary side regulation error amplifier (OTA).
The pin must be connected to the compensation network for Primary Side Regulation.
The voltage present at this pin also controls adaptive burst-mode (deep low consumption mode) and is
internally connected to the multiplier, together with OPTO pin voltage and MCP voltage in an “OR-ed”
structure.
HVLED101
Pin Settings
DS14143 - Rev 2
page 4/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com