Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED101TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # HVLED101TR
Description  Advanced high power factor flyback controller with valley locking and maximum power control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED101TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button HVLED101TR Datasheet HTML 8Page - STMicroelectronics HVLED101TR Datasheet HTML 9Page - STMicroelectronics HVLED101TR Datasheet HTML 10Page - STMicroelectronics HVLED101TR Datasheet HTML 11Page - STMicroelectronics HVLED101TR Datasheet HTML 12Page - STMicroelectronics HVLED101TR Datasheet HTML 13Page - STMicroelectronics HVLED101TR Datasheet HTML 14Page - STMicroelectronics HVLED101TR Datasheet HTML 15Page - STMicroelectronics HVLED101TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Symbol
Pin/Block
Parameter
Test condition
Min.
Typ.
Max.
Unit
VL5
VL
5th to 6th valley
threshold
1
V
VDCM
VL
Unlocked operation
limit
0.86
V
KDCM
VL
DCM characteristic
slope
-130
µs / V
TDCM-MAX
VL
Max. DCM time
with linearity
guaranteed
VL = 0.3V
70
µs
DLY/CFG pin characteristics
VDLY-BIAS
DLY/CFG
DLY pin Bias
voltage
Active mode [TrackCFG]
1.5
V
KDLY
DLY/CFG
ZCD to GD on gain
2.13
ns/kΩ
VCFG-L
DLY/CFG
Decay hysteresis
for CFG selection
[TrackCFG]
0.5
V
TauCFG1
DLY/CFG
Time constant to
set CFG1
30
45
µs
TauCFG2
DLY/CFG
Time constant to
set CFG2
100
140
µs
TauCFG3
DLY/CFG
Time constant to
set CFG3
300
410
µs
TauCFG4
DLY/CFG
Time constant to
set CFG4
860
1200
µs
TauCFG5
DLY/CFG
Time constant to
set CFG5
2050
TBD
µs
HVLED101
Electrical characteristics
DS14143 - Rev 2
page 12/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com