Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED101TR Datasheet(PDF) 18 Page - STMicroelectronics

Part # HVLED101TR
Description  Advanced high power factor flyback controller with valley locking and maximum power control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED101TR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button HVLED101TR Datasheet HTML 14Page - STMicroelectronics HVLED101TR Datasheet HTML 15Page - STMicroelectronics HVLED101TR Datasheet HTML 16Page - STMicroelectronics HVLED101TR Datasheet HTML 17Page - STMicroelectronics HVLED101TR Datasheet HTML 18Page - STMicroelectronics HVLED101TR Datasheet HTML 19Page - STMicroelectronics HVLED101TR Datasheet HTML 20Page - STMicroelectronics HVLED101TR Datasheet HTML 21Page - STMicroelectronics HVLED101TR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
6.3.3
Current sense input
The power switch current is read across a shunt resistor placed between the source of the switch and ground.
Said voltage is compared with the value generated by the THD optimizer.
The leading edge blanking (LEB) unit prevents the turn-on spikes from reaching the PWM comparator and avoids
false triggering.
When the primary side regulation (PSR) loop serves very light loads, the demagnetization time is very short, and
the PSR sampling unit could underestimate the output voltage and could react increasing the real voltage. In
order to guarantee a correct sampling of VOUT, a minimum current sense level is activated when PSR burst-mode
is active.
The propagation delay of the peak current detection to GD off (TPD + external TPROP) results in a turn-off current
that is higher than expected. Said error is proportional to input voltage.
The HVLED101 embeds a propagation delay compensation logic that injects a portion of the current sourced by
ZCD pin during on-time into the CS pin. Said current multiplied by the resistance that is placed between CS pin
and the shunt resistor develops a voltage offset that compensates the above mentioned error.
Vcs.OS= RFFRZCD∙KFF∙NauxNpri∙VIN=RCS∙ TPD+TPROP
LP ∙VIN
Since RZCD must be fixed at first to have proper biasing of ZCD pin, then RFF can be used to adjust the
propagation delay compensation.
6.3.4
Feedback inputs
6.3.4.1
OPTO
The OPTO pin is intended to bias and manage the signal coming from the phototransistor collector of a standard
optocoupler operating as pull-down current generator.
An internal degeneration resistor facilitates the loop compensation equalizing the ideal current source that bias
the pin.
When OPTO pin voltage is lower than burst-mode threshold, the IC stops switching and enters deep low
consumption mode: this mechanism can be used also as an alternate entry to disable the IC.
6.3.4.2
FB
The FB pin is internally connected to the output of the PSR error amplifier: the PSR loop compensation network
must be placed between this pin and GND
When FB pin voltage is lower than PSR burst-mode threshold, the IC starts to generate the PSR burst-mode
algorithm, described into the relevant paragraph.
The voltage of the FB pin is internally applied to a “MIN selection” structure together with OPTO pin voltage and
MCP internal signal (see “Maximum power control” section).
In order to improve PSR performance, FB is put in high impedance state when input voltage is near zero crossing.
6.3.5
Zero Current Detection (ZCD)
The ZCD pin is intended to realize the zero current detection mechanism according to the state diagram of
Figure 10.
6.3.5.1
ZCD state machine description
When the MOSFET turns off, the HVLED101 applies a minimum blanking time (TBLANK) in order to reject spurious
oscillations.
Said blanking time is longer when VOUT is lower than the undervoltage protection level: in fact, huge oscillations
are foreseen in case of output short-circuit.
After minimum blanking time, ZCD logic checks the level of ZCD voltage, if it is higher than arming threshold, then
it waits indefinitely for the first falling edge on the ZCD pin below the triggering threshold.
On the contrary, if ZCD level is lower than the arming threshold, a maximum waiting time (TWAIT) is started to
prevent latching conditions.
Said waiting time (TWAIT) is proportional to the programmed delay time (TDLY) configured by RDLY resistor on
DLY/CFG pin as per the following relationship:
TWAIT=8∙ TDLY−100ns +100ns
HVLED101
Control loop
DS14143 - Rev 2
page 18/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com