Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED101TR Datasheet(PDF) 22 Page - STMicroelectronics

Part # HVLED101TR
Description  Advanced high power factor flyback controller with valley locking and maximum power control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED101TR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button HVLED101TR Datasheet HTML 18Page - STMicroelectronics HVLED101TR Datasheet HTML 19Page - STMicroelectronics HVLED101TR Datasheet HTML 20Page - STMicroelectronics HVLED101TR Datasheet HTML 21Page - STMicroelectronics HVLED101TR Datasheet HTML 22Page - STMicroelectronics HVLED101TR Datasheet HTML 23Page - STMicroelectronics HVLED101TR Datasheet HTML 24Page - STMicroelectronics HVLED101TR Datasheet HTML 25Page - STMicroelectronics HVLED101TR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Figure 14. PSR burst-mode repetition rate
300mV
4ms
0.4ms
TREP
8ms
VBM
VFB
During the inactive phase of the burst-mode, the consumption of the HVLED101 is reduced to ICC_DLC.
During the generation of the 4 GD cycles, the current sense threshold is bottom limited to generate a minimum
demagnetization time and improve the VOUT measurement’s accuracy.
This minimum current sense level represents, in turn, a small minimum power delivered from primary to
secondary side: this minimum power delivery has to be dissipated by simple secondary side bleeder resistor
(or equivalent structure).
6.5
Gate driver
The gate driver of the HVLED101 is able to drive high and low the gate of an N-channel Silicon MOSFET, with a
typical driving strength of 1.2 A/0.6 A (sink/source).
The output of GD pin can reach VCC: care has to be taken to verify that VCC is lower than the absolute maximum
rating of the adopted switch.
6.6
IC supply management
The HVLED101 is supplied applying a DC voltage source between VCC pin and PGND.
This voltage can be easily obtained, during normal operation, by auxiliary winding of flyback transformer, but also
other voltage sources can be used.
6.6.1
VCC supply management
The HVLED101 operational scheme is designed to minimize the VCC power consumption, especially during low
consumption and deep low consumption modes.
Figure 15. UVLO and VCC regulation block diagram
VCC
VCC-ON
R
Q
S
\Q
UVLO
PGND
PWR_good
VCC-OFF
HVLED101
Gate driver
DS14143 - Rev 2
page 22/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com