Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED101TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # HVLED101TR
Description  Advanced high power factor flyback controller with valley locking and maximum power control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED101TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button HVLED101TR Datasheet HTML 17Page - STMicroelectronics HVLED101TR Datasheet HTML 18Page - STMicroelectronics HVLED101TR Datasheet HTML 19Page - STMicroelectronics HVLED101TR Datasheet HTML 20Page - STMicroelectronics HVLED101TR Datasheet HTML 21Page - STMicroelectronics HVLED101TR Datasheet HTML 22Page - STMicroelectronics HVLED101TR Datasheet HTML 23Page - STMicroelectronics HVLED101TR Datasheet HTML 24Page - STMicroelectronics HVLED101TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
When ramp-up mode is running, the PSR unit is functional as well.
The voltage divider connected between the transformer’s auxiliary winding and ground sets the output voltage
according to the following equation: VOUT=VREF.PSR∙NsecNaux∙ 1+RZCDRFB
Near mains zero crossing the converter manages a very low energy amount in each switching cycle. For this
reason, ZCD signal amplitude is no longer good information of the output voltage. In order to improve converter
performance (THD, PF), in such condition, the FB pin is put in high impedance and is not driven by internal OTA.
External compensation network capacitors keep the pin voltage almost constant. The zero crossing condition is
detected when the input voltage level goes below a threshold ( ≈ 70 V).
6.4.2
PSR burst-mode operation
When the output power becomes very small and frequency fold-back is no longer able to reduce the delivered
power, the flyback converter must enter burst-mode operation to maintain the output variable regulation.
When the application is regulated by an optocoupler, the secondary side error amplifier sets the repetition rate
between active and inactive phase of the burst-mode.
The PSR operation needs to generate some switching activity to refresh the content of the measurement unit.
The HVLED101 generates 4 switching cycles following a pure QR scheme (including TDLY) with a repetition time
(TREP) that is inversely proportional to the voltage that is present at the FB pin at the end of the 4 switching
cycles.
Figure 13. PSR burst-mode waveforms
TREP
VCS-MIN
1
2
3
4
VCS
GD
ICC
ICC
operating
ICC_DLC
Not in scale
VDRAIN
0.2ms
The following graph represents the relation between FB voltage and TREP.
HVLED101
Primary side regulation feature
DS14143 - Rev 2
page 21/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com