Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED101TR Datasheet(PDF) 27 Page - STMicroelectronics

Part # HVLED101TR
Description  Advanced high power factor flyback controller with valley locking and maximum power control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED101TR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button HVLED101TR Datasheet HTML 23Page - STMicroelectronics HVLED101TR Datasheet HTML 24Page - STMicroelectronics HVLED101TR Datasheet HTML 25Page - STMicroelectronics HVLED101TR Datasheet HTML 26Page - STMicroelectronics HVLED101TR Datasheet HTML 27Page - STMicroelectronics HVLED101TR Datasheet HTML 28Page - STMicroelectronics HVLED101TR Datasheet HTML 29Page - STMicroelectronics HVLED101TR Datasheet HTML 30Page - STMicroelectronics HVLED101TR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Figure 18. Fault pin block diagram
VFLT-ON
VFLT-Open
FLT
IFLT-BIAS
NTC
RB
RA
VFLT-OFF
The NTC can be linearized using a resistor network consisting of one resistor in series and one in parallel.
The design approach must firstly guarantee that FAULT voltage is greater than VFLT-OPEN if either the temperature
is lower than minimum operating value or the NTC is disconnected. Then the value of fault voltage is equal to
VFLT-OFF at maximum operating temperature.
The pin is also able to sense the absence of NTC, because the pin left open is internally pulled up above an
upper threshold. If NTC is not used, a fixed resistor (22 kΩ to 47 kΩ) should be connected to GND.
During FAULT pin protection, the internal THD optimizer drives the internal switched resistor always OFF (setting
δc = 0 in Section 6.3.1 ) and the THD pin is set in high impedance.
HVLED101
Protections
DS14143 - Rev 2
page 27/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com