Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4028BMS Datasheet (PDF) - Renesas Technology Corp

CD4028BMS Datasheet PDF - Renesas Technology Corp
Part # CD4028BMS
Download  CD4028BMS Download
File Size   417.24 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS BCD-To-Decimal Decoder

CD4028BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4028BMS Datasheet PDF - Renesas Technology Corp

Part # CD4028BMS
Download  CD4028BMS Click to download

File Size   417.24 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS BCD-To-Decimal Decoder

CD4028BMS Datasheet (HTML) - Renesas Technology Corp


CD4028BMS Product details

Features
• High Voltage Type (20V Rating)
• BCD-to-Decimal Decoding or Binary-to-Octal Decoding
• High Decoded Output Drive Capability
• “Positive Logic” Inputs and Outputs - Decoded Outputs Go High On Selection
• Medium-Speed Operation
- tPHL, tPLH = 80ns (typ) at VDD = 10V
• Standardized Symmetrical Output Characteristics
• 100% Tested For Quiescent Current at 20V
• Maximum Input Current of 1A at 18V Over Full
Package-Temperature Range;
- 100nA at 18V and +25oC
• Noise Margin (Over Full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”

Description
CD4028BMS types are BCD-to-decimal or binary-to-octal
decoders consisting of buffering on all 4 inputs, decoding
logic gates, and 10 output buffers. A BCD code applied to
the four inputs, A to D, results in a high level at the selected
one of 10 decimal decoded outputs. Similarly, a 3-bit binary
code applied to inputs A through C is decoded in octal code
at output 0 to 7 if D = “0”. High drive capability is provided at
all outputs to enhance dc and dynamic performance in high
fan-out applications.
The CD4028BMS is supplied in these 16-lead outline packages:
Braze Seal DIP H4S
Frit Seal DIP H1E
Ceramic Flatpack H3X




Similar Part No. - CD4028BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4028BMS INTERSIL-CD4028BMS Datasheet
93Kb / 10P
CMOS BCD-To-Decimal Decoder
December 1992
More results


Similar Description - CD4028BMS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4028BM NSC-CD4028BM Datasheet
116Kb / 4P
BCD-to-Decimal Decoder
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
BCD-to-Decimal Decoder
logo
Toshiba Semiconductor
TC4028BP TOSHIBA-TC4028BP Datasheet
223Kb / 5P
BCD - TO -DECIMAL DECODER
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
BCD-to-Decimal Decoder
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
BCD to Decimal Decoder
logo
Hitachi Semiconductor
HD74LS42 HITACHI-HD74LS42 Datasheet
61Kb / 6P
BCD-to-Decimal Decoder
logo
Intersil Corporation
CD4028BMS INTERSIL-CD4028BMS Datasheet
93Kb / 10P
CMOS BCD-To-Decimal Decoder
December 1992
logo
Micro Electronics
MCC4028 MICRO-ELECTRONICS-MCC4028 Datasheet
136Kb / 4P
BCD-TO-DECIMAL DECODER
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC_02 Datasheet
76Kb / 6P
BCD-to-Decimal Decoder
logo
Nexperia B.V. All right...
HEF4028B NEXPERIA-HEF4028B Datasheet
209Kb / 10P
BCD to decimal decoder
Rev. 10 - 7 December 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com