Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4028BMS Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # CD4028BMS
Description  CMOS BCD-To-Decimal Decoder
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4028BMS Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button CD4028BMS Datasheet HTML 2Page - Renesas Technology Corp CD4028BMS Datasheet HTML 3Page - Renesas Technology Corp CD4028BMS Datasheet HTML 4Page - Renesas Technology Corp CD4028BMS Datasheet HTML 5Page - Renesas Technology Corp CD4028BMS Datasheet HTML 6Page - Renesas Technology Corp CD4028BMS Datasheet HTML 7Page - Renesas Technology Corp CD4028BMS Datasheet HTML 8Page - Renesas Technology Corp CD4028BMS Datasheet HTML 9Page - Renesas Technology Corp CD4028BMS Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CD4028BMS
FN3303 Rev 0.00
Page 9 of 10
December 1992
FIGURE 9. NEON READOUT (NIXIE TUBE
*) DISPLAY APPLICATION
FIGURE 10. 6-BIT BINARY TO 1-OF-64 ADDRESS DECODER
1011
11
13
8
5
0000000000010000
1100
12
8
9
5
6
0000000000001000
1101
13
9
6
770000000000000100
1110
14
11
8
880000000000000010
1111
15
10
7
990000000000000001
TABLE 2. CODE CONVERSION CHART
(Continued)
INPUTS
INPUT CODES
OUTPUT NUMBER
HEXA-
DECIMAL
DECIMAL
DCBA
0123456789
10
11
12
13
14
15
CD4028BMS
1 OF 10
VT
NUMERALS
9
8
7
6
5
4
3
2
1
0
D
C
B
A
BCD
INPUTS
*(TRADEMARK) BURROUGHS CORP.
INPUTS
AB C
D
E F
INHIBIT
(NO SELECTION)
CD4028BMS
AB C
0 123 45 67 89
D
CD4028BMS
AB C
01 2 3 45 678 9
D
CD4028BMS
ABC
01 234 56 78 9
D
CD4028BMS
ABC
01 23 456 78 9
D
CD4028BMS
AB C
01 23 45 6 7 8 9
D
CD4028BMS
ABC
01 23 45 678 9
D
CD4028BMS
AB C
0 123 45 67 89
D
CD4028BMS
AB C
012 34 56 789
D
CD4028BMS
AB C
0 1 2 345 67 89
D
0 1 2 3 4 5 6 7
8 - - - - - - 15
16 --- --- 23
24 --- ---31
32--- --- 39
40 -- ---- 47
48 -- -- -- 55
56 --- ---63
*
*
*
*
*
*
*
*
64 OUTPUTS (SELECTED OUTPUT IS HIGH)
*1/6 CD4069B
TUBE REQUIREMENTS
TYPE
VT(Vdc)
NUMERAL
mA/
BURROUGHS
B4081
170
14
B4336/
718
170
2
B4032
170
14
B4021
120
14
TRANSISTOR CHARACTERISTICS
Leakage with transistor cutoff
 0.05mA
V(BR)CEO
 70V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com