Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4028BMS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # CD4028BMS
Description  CMOS BCD-To-Decimal Decoder
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4028BMS Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button CD4028BMS Datasheet HTML 2Page - Renesas Technology Corp CD4028BMS Datasheet HTML 3Page - Renesas Technology Corp CD4028BMS Datasheet HTML 4Page - Renesas Technology Corp CD4028BMS Datasheet HTML 5Page - Renesas Technology Corp CD4028BMS Datasheet HTML 6Page - Renesas Technology Corp CD4028BMS Datasheet HTML 7Page - Renesas Technology Corp CD4028BMS Datasheet HTML 8Page - Renesas Technology Corp CD4028BMS Datasheet HTML 9Page - Renesas Technology Corp CD4028BMS Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CD4028BMS
FN3303 Rev 0.00
Page 8 of 10
December 1992
FIGURE 8. CODE CONVERSION CIRCUIT
01 2345 678 9
AB
CD
CD4028BMS
0 1 2 345 67
01 23 45 67 89
AB
C
D
CD4028BMS
01234567
INPUTS
16 OUTPUTS
1/6 CD4069B
FIGURE 7. TYPICAL TRANSITION TIME AS A FUNCTION OF LOAD CAPACITANCE
Typical Performance Characteristics (Continued)
AMBIENT TEMPERATURE (TA) = +25oC
LOAD CAPACITANCE (CL) (pF)
0
40
6080100
20
0
50
100
150
200
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
Typical Applications
The circuit shown in Figure 8 converts any 4-bit code to a
decimal or hexadecimal code. Table 2 shows a number of
codes and the decimal or hexadecimal number in these
codes which must be applied to the input terminals of the
CD4028BMS to select a particular output. For example: in
order to get a high on output number 8 the input must be
either an 8 expressed in 4-bit Binary code, a 15 expressed in
4-Bit Gray code, or a 5 expressed in Excess-3 code.
TABLE 2. CODE CONVERSION CHART
INPUTS
INPUT CODES
OUTPUT NUMBER
HEXA-
DECIMAL
DECIMAL
DCBA
0123456789
10
11
12
13
14
15
0000
0
0
001000000000000000
0001
1
1
110100000000000000
0010
2
3
0
220010000000000000
0011
3203
3
0001000000000000
0100
4714
4
0000100000000000
0101
5
6
2
30000010000000000
0110
6431
40000001000000000
0111
7542
0000000100000000
1000
8
15
5
0000000010000000
1001
9
14
6
50000000001000000
1010
10
12
7
9
60000000000100000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com