Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4075BMS Datasheet (PDF) - Renesas Technology Corp

CD4075BMS Datasheet PDF - Renesas Technology Corp
Part # CD4075BMS
Download  CD4075BMS Download
File Size   396.79 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS OR Gate

CD4075BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4075BMS Datasheet PDF - Renesas Technology Corp

Part # CD4075BMS
Download  CD4075BMS Click to download

File Size   396.79 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS OR Gate

CD4075BMS Datasheet (HTML) - Renesas Technology Corp


CD4075BMS Product details

Features
• High-Voltage Types (20V Rating)
• CD4071BMS Quad 2-Input OR Gate
• CD4072BMS Dual 4-Input OR Gate
• CD4075BMS Triple 3-Input OR Gate
• Medium Speed Operation:
- tPHL, tPLH = 60ns (typ) at 10V
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1A at 18V Over Full Package Temperature Range; 100nA at 18V and +25oC
• Standardized Symmetrical Output Characteristics
• Noise Margin (Over Full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”

Description
CD4071BMS, CD4072BMS and CD4075BMS OR gates provide the system designer with direct implementation of the
positive-logic OR function and supplement the existing family of CMOS gates.
The CD4071BMS, CD4072BMS and CD4075BMS are supplied
in these 14 lead outline packages:
Pinout
CD4071BMS
TOP VIEW
CD4072BMS
TOP VIEW
CD4075BMS
TOP VIEW
Braze Seal DIP *H4H †H4Q
Frit Seal DIP H1B
Ceramic Flatpack H3W
*CD4071, CD4072 †CD4075 Only




Similar Part No. - CD4075BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4075BMS INTERSIL-CD4075BMS Datasheet
114Kb / 10P
CMOS OR Gate
December 1992
More results


Similar Description - CD4075BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4030B TI-CD4030B Datasheet
497Kb / 11P
CMOS QUAD EXCLUSIVE-OR GATE
logo
Intersil Corporation
CD4030BMS INTERSIL-CD4030BMS Datasheet
59Kb / 7P
CMOS Quad Exclusive-OR Gate
December 1992
CD4071BMS INTERSIL-CD4071BMS Datasheet
114Kb / 10P
CMOS OR Gate
December 1992
logo
Texas Instruments
CD4030A TI-CD4030A Datasheet
995Kb / 6P
CMOS Quad Excluslve-OR Gate
CD4078BF TI-CD4078BF Datasheet
927Kb / 16P
CMOS 8-input NOR/OR Gate
logo
Unisonic Technologies
UCD4070B UTC-UCD4070B Datasheet
213Kb / 5P
CMOS QUAD EXCLUSIVE-OR GATE
UCD4070B UTC-UCD4070B_15 Datasheet
224Kb / 5P
CMOS QUAD EXCLUSIVE-OR GATE
logo
Texas Instruments
CD4019B TI1-CD4019B_15 Datasheet
938Kb / 16P
CMOS Quad AND/OR Gate
CD4030B TI1-CD4030B_15 Datasheet
1Mb / 16P
CMOS Quad Exclusive - OR Gate
logo
Renesas Technology Corp
CD4030BMS RENESAS-CD4030BMS Datasheet
304Kb / 7P
CMOS Quad Exclusive-OR Gate
December 1992
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com