Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4075BMS Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # CD4075BMS
Description  CMOS OR Gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4075BMS Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button CD4075BMS Datasheet HTML 2Page - Renesas Technology Corp CD4075BMS Datasheet HTML 3Page - Renesas Technology Corp CD4075BMS Datasheet HTML 4Page - Renesas Technology Corp CD4075BMS Datasheet HTML 5Page - Renesas Technology Corp CD4075BMS Datasheet HTML 6Page - Renesas Technology Corp CD4075BMS Datasheet HTML 7Page - Renesas Technology Corp CD4075BMS Datasheet HTML 8Page - Renesas Technology Corp CD4075BMS Datasheet HTML 9Page - Renesas Technology Corp CD4075BMS Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CD4071BMS, CD4072BMS, CD4075BMS
FN3323 Rev 0.00
Page 6 of 11
December 1992
Group B
Subgroup B-5
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas
Subgroups 1, 2, 3, 9, 10, 11
Subgroup B-6
Sample 5005
1, 7, 9
Group D
Sample 5005
1, 2, 3, 8A, 8B, 9
Subgroups 1, 2 3
NOTE: 1. 5% Parameteric, 3% Functional; Cumulative for Static 1 and 2.
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE GROUPS
MIL-STD-883
METHOD
TEST
READ AND RECORD
PRE-IRRAD
POST-IRRAD
PRE-IRRAD
POST-IRRAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS
FUNCTION
OPEN
GROUND
VDD
9V
 -0.5V
OSCILLATOR
50kHz
25kHz
PART NUMBER CD4071BMS
Static Burn-In 1
Note 1
3, 4, 10, 11
1, 2, 5 - 9, 12 - 13
14
Static Burn-In 2
Note 1
3, 4, 10, 11
7
1, 2, 5, 6, 8, 9,
12 - 14
Dynamic Burn-
In Note 1
-
7
14
3, 4, 10, 11
1, 2, 5, 6, 8, 9, 12,
13
Irradiation
Note 2
3, 4, 10, 11
7
1, 2, 5, 6, 8, 9,
12 - 14
PART NUMBER CD4072BMS
Static Burn-In 1
Note 1
1, 6, 8, 13
2 - 5, 7, 9 - 12
14
Static Burn-In 2
Note 1
1, 6, 8, 13
7
2 - 5, 9 - 12, 14
Dynamic Burn-
In Note 1
6, 8
7
14
1, 13
2 - 5, 9 - 12
Irradiation
Note 2
1, 6, 8, 13
7
2 - 5, 9 - 12, 14
PART NUMBER CD4075BMS
Static Burn-In 1
Note 1
6, 9, 10
1 - 5, 7, 8, 11 - 13
14
Static Burn-In 2
Note 1
6, 9, 10
7
1 - 5, 8, 11 - 14
Dynamic Burn-
In Note 1
-
7
14
6, 9, 10
1 - 5, 8, 11 - 13
Irradiation
Note 2
6, 9, 10
7
1 - 5, 8, 11 - 14
NOTE:
1. Each pin except VDD and GND will have a series resistor of 10K
 5%, VDD = 18V  0.5V
2. Each pin except VDD and GND will have a series resistor of 47K
5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures,
VDD = 10V
 0.5V
TABLE 6. APPLICABLE SUBGROUPS
(Continued)
CONFORMANCE GROUP
MIL-STD-883
METHOD
GROUP A SUBGROUPS
READ AND RECORD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com