Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4075BMS Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # CD4075BMS
Description  CMOS OR Gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4075BMS Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button CD4075BMS Datasheet HTML 3Page - Renesas Technology Corp CD4075BMS Datasheet HTML 4Page - Renesas Technology Corp CD4075BMS Datasheet HTML 5Page - Renesas Technology Corp CD4075BMS Datasheet HTML 6Page - Renesas Technology Corp CD4075BMS Datasheet HTML 7Page - Renesas Technology Corp CD4075BMS Datasheet HTML 8Page - Renesas Technology Corp CD4075BMS Datasheet HTML 9Page - Renesas Technology Corp CD4075BMS Datasheet HTML 10Page - Renesas Technology Corp CD4075BMS Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CD4071BMS, CD4072BMS, CD4075BMS
FN3323 Rev 0.00
Page 10 of 11
December 1992
FIGURE 13. TYPICAL TRANSITION TIME AS A FUNCTION OF
LOAD CAPACITANCE
FIGURE 14. TYPICAL DYNAMIC POWER DISSIPATIONAS A FUNC-
TION OF FREQUENCY
Typical Performance Characteristics (Continued)
AMBIENT TEMPERATURE (TA) = +25oC
LOAD CAPACITANCE (CL) (pF)
0
40
6080100
20
0
50
100
150
200
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
CL = 15pF
CL = 50pF
AMBIENT TEMPERATURE (TA) = +25oC
SUPPLY VOLTAGE (VDD) = 15V
10V
5V
10V
8
6
4
28
6
4
22
INPUT FREQUENCY (fI) (kHz)
110
102
103
104
8
6
4
28
6
4
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2
104
103
102
10
105
Chip Dimensions and Pad Layouts
CD4071BMS
CD4072BMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com