Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSP2510C Datasheet (PDF) - Renesas Technology Corp

CSP2510C Datasheet PDF - Renesas Technology Corp
Part # CSP2510C
Download  CSP2510C Download
File Size   262.75 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER

CSP2510C Datasheet (PDF)

Go To PDF Page Download Datasheet
CSP2510C Datasheet PDF - Renesas Technology Corp

Part # CSP2510C
Download  CSP2510C Click to download

File Size   262.75 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER

CSP2510C Datasheet (HTML) - Renesas Technology Corp


CSP2510C Product details

DESCRIPTION:
The CSP2510C is a high performance, low-skew, low-jitter, phase-lock
loop (PLL) clock driver. It uses a PLL to precisely align, in both frequency
and phase, the feedback (FBOUT) output to the clock (CLK) input signal.
It is specifically designed for use with synchronous DRAMs. The CSP2510C
operates at 3.3V.
One bank of ten outputs provide low-skew, low-jitter copies of CLK.
Output signal duty cycles are adjusted to 50 percent, independent of the
duty cycle at CLK. The outputs can be enabled or disabled via the control
G input. When the G input is high, the outputs switch in phase and frequency
with CLK; when the G input is low, the outputs are disabled to the logic-low
state.
Unlike many products containing PLLs, the CSP2510C does not require
external RC networks. The loop filter for the PLL is included on-chip,
minimizing component count, board space, and cost.
Because it is based on PLL circuitry, the CSP2510C requires a
stabilization time to achieve phase lock of the feedback signal to the
reference signal. This stabilization time is required, following power up and
application of a fixed-frequency, fixed-phase signal at CLK, as well as
following any changes to the PLL reference or feedback signals. The PLL
can be bypassed for the test purposes by strapping AVDD to ground.
The CSP2510C is specified for operation from 0°C to +85°C. This
device is also available (on special order) in Industrial temperature range
(-40°C to +85°C). See ordering information for details.

FEATURES:
• Phase-Lock Loop Clock Distribution for Synchronous DRAM
Applications
• Distributes one clock input to one bank of ten outputs
• Output enable bank control
• External feedback (FBIN) pin is used to synchronize the
outputs to the clock input signal
• No external RC network required for PLL loop stability
• Operates at 3.3V VDD
• tpd Phase Error at 133MHz: < ±150ps
• Jitter (peak-to-peak) at 133MHz: < ±75ps @ 133MHz
• Spread Spectrum Compatible
• Operating frequency 25MHz to 140MHz
• Available in 24-Pin TSSOP package




Similar Part No. - CSP2510C

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
CSP2510CPG8 MOLEX-CSP2510CPG8 Datasheet
28Kb / 1P
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
More results


Similar Description - CSP2510C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93735 ICST-ICS93735 Datasheet
126Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
logo
Integrated Device Techn...
IDTCSP2510C IDT-IDTCSP2510C Datasheet
63Kb / 9P
3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDT5V2528 IDT-IDT5V2528 Datasheet
61Kb / 7P
2.5V / 3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
logo
Integrated Circuit Syst...
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
logo
Integrated Device Techn...
IDT5V9352 IDT-IDT5V9352 Datasheet
81Kb / 10P
3.3V/2.5V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
CSP2510D IDT-CSP2510D Datasheet
72Kb / 9P
3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDTCSP2510D IDT-IDTCSP2510D Datasheet
65Kb / 9P
3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDT2309 IDT-IDT2309_12 Datasheet
125Kb / 10P
3.3V ZERO DELAY CLOCK BUFFER Phase-Lock Loop Clock Distribution
logo
Renesas Technology Corp
CSP2510D RENESAS-CSP2510D Datasheet
251Kb / 10P
3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
OCTOBER 2001
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
DDR Phase Lock Loop Zero Delay Clock Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com