Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CV141 Datasheet (PDF) - Renesas Technology Corp

CV141 Datasheet PDF - Renesas Technology Corp
Part # CV141
Download  CV141 Download
File Size   245.03 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-TO-8 DIFFERENTIAL CLOCK BUFFER

CV141 Datasheet (PDF)

Go To PDF Page Download Datasheet
CV141 Datasheet PDF - Renesas Technology Corp

Part # CV141
Download  CV141 Click to download

File Size   245.03 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-TO-8 DIFFERENTIAL CLOCK BUFFER

CV141 Datasheet (HTML) - Renesas Technology Corp


CV141 Product details

FEATURES:
• Compliant with Intel DB800 spec
• Eight differential clock pairs at 0.7V
• 50ps skew
• 50ps cycle-to-cycle jitter
• Programmable Bandwidth
• PLL bypass configurable
• Divide by 2 programmable
• Available in SSOP and TSSOP packages

DESCRIPTION:
The CV141 differential buffer is compliant with Intel DB800 specifications. It
is intended to distribute the SRC (serial reference clock) as a companion chip
to the main clock of the CK409, CK410/CK410M, CK410B, etc. PLL is off in
bypass mode and has no clock detect.




Similar Part No. - CV141

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
CV140K05 SEI-CV140K05 Datasheet
1Mb / 7P
Low and Medium Voltage Leaded Varistor
08/21/2019
logo
Bourns Electronic Solut...
CV140K10 BOURNS-CV140K10 Datasheet
1Mb / 17P
CV Series - Medium Voltage Disc Varistors
REV. E 06/20
CV140K10AL1 BOURNS-CV140K10AL1 Datasheet
1Mb / 17P
CV Series - Medium Voltage Disc Varistors
REV. E 06/20
CV140K10AL5 BOURNS-CV140K10AL5 Datasheet
1Mb / 17P
CV Series - Medium Voltage Disc Varistors
REV. E 06/20
CV140K10BL1 BOURNS-CV140K10BL1 Datasheet
1Mb / 17P
CV Series - Medium Voltage Disc Varistors
REV. E 06/20
More results


Similar Description - CV141

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO100HSTL11A POTATO-PO100HSTL11A Datasheet
553Kb / 6P
1 to 2 Differential Clock/Data Fanout Buffer
logo
Integrated Device Techn...
IDTCV145NLG8 IDT-IDTCV145NLG8 Datasheet
122Kb / 13P
1-TO-19 DIFFERENTIAL CLOCK BUFFER
IDTCV141 IDT-IDTCV141 Datasheet
87Kb / 10P
1-TO-8 DIFFERENTIAL CLOCK BUFFER
IDT8T79S828I-08 IDT-IDT8T79S828I-08 Datasheet
479Kb / 28P
1-to-8 Differential to Universal Output Clock Divider/Fanout Buffer
logo
Renesas Technology Corp
CV128 RENESAS-CV128 Datasheet
242Kb / 13P
1-TO-12 DIFFERENTIAL CLOCK BUFFER
JUNE 29, 2007
CV145 RENESAS-CV145 Datasheet
282Kb / 14P
1-TO-19 DIFFERENTIAL CLOCK BUFFER
JUNE 2006
IDT8T79S818I-08 RENESAS-IDT8T79S818I-08 Datasheet
1,004Kb / 29P
1-to-8 Differential to Universal Output Clock Divider/Fanout Buffer
JULY 11, 2013
IDT8T79S828-08I RENESAS-IDT8T79S828-08I Datasheet
794Kb / 29P
1-to-8 Differential to Universal Output Clock Divider/Fanout Buffer
APRIL 22, 2014
ICS854S058I RENESAS-ICS854S058I Datasheet
838Kb / 17P
8:1 Differential-to-LVDS Clock Multiplexer
2019
SLG74190 RENESAS-SLG74190 Datasheet
707Kb / 22P
1 to 19 Differential Clock Buffer
February 23, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com