Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CV145 Datasheet (PDF) - Renesas Technology Corp

CV145 Datasheet PDF - Renesas Technology Corp
Part # CV145
Download  CV145 Download
File Size   282.28 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-TO-19 DIFFERENTIAL CLOCK BUFFER

CV145 Datasheet (PDF)

Go To PDF Page Download Datasheet
CV145 Datasheet PDF - Renesas Technology Corp

Part # CV145
Download  CV145 Click to download

File Size   282.28 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-TO-19 DIFFERENTIAL CLOCK BUFFER

CV145 Datasheet (HTML) - Renesas Technology Corp


CV145 Product details

FEATURES:
• Compliant with Intel DB1900G
• DIF Clock Support
− 19 differential clock output pairs @ 0.7 V
− 150 ps skew performance across all outputs
• OE pin Control of All Outputs
• 3.3 V Operation
• Gear Ratio supporting generation of clocks at a different
frequency ratioed from the input.
• Split outputs supporting options of 2 outputs @1:1 and
remaining 17 pairs at an alternate gear
• Pin level OE control of individual outputs
• Multiple output frequency options up to 400Mhz as a gear ratio
of input clocks of 100-400Mhz
• Output is HCSL compatible
• SMBus Programmable configurations
• PLL Bypass Configurable
• SMBus address configurable to allow multiple buffer control in
a single control network
• Programmable Bandwidth
• Glitchfree transition between frequency states
• Available in 72-pin VFQPFN package

DESCRIPTION:
The CV145 differential buffer complies with Intel DB1900G , and is designed
to work in conjunction with the main clock of CK409, CK410/CK410M and
CK410B etc., PLL is off in bypass mode and no clock detect




Similar Part No. - CV145

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
CV140K05 SEI-CV140K05 Datasheet
1Mb / 7P
Low and Medium Voltage Leaded Varistor
08/21/2019
logo
Bourns Electronic Solut...
CV140K10 BOURNS-CV140K10 Datasheet
1Mb / 17P
CV Series - Medium Voltage Disc Varistors
REV. E 06/20
CV140K10AL1 BOURNS-CV140K10AL1 Datasheet
1Mb / 17P
CV Series - Medium Voltage Disc Varistors
REV. E 06/20
CV140K10AL5 BOURNS-CV140K10AL5 Datasheet
1Mb / 17P
CV Series - Medium Voltage Disc Varistors
REV. E 06/20
CV140K10BL1 BOURNS-CV140K10BL1 Datasheet
1Mb / 17P
CV Series - Medium Voltage Disc Varistors
REV. E 06/20
More results


Similar Description - CV145

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO100HSTL11A POTATO-PO100HSTL11A Datasheet
553Kb / 6P
1 to 2 Differential Clock/Data Fanout Buffer
logo
Integrated Device Techn...
IDTCV145NLG8 IDT-IDTCV145NLG8 Datasheet
122Kb / 13P
1-TO-19 DIFFERENTIAL CLOCK BUFFER
logo
ON Semiconductor
NB3N1900K ONSEMI-NB3N1900K Datasheet
198Kb / 20P
Differential 1:19 HCSL Clock ZDB/Fanout Buffer
January, 2015 ??Rev. 3
NB3N1900K ONSEMI-NB3N1900K_16 Datasheet
211Kb / 21P
Differential 1:19 HCSL Clock ZDB/Fanout Buffer for PCIe
July, 2016 ??Rev. 4
logo
Integrated Device Techn...
8T39S08A IDT-8T39S08A Datasheet
845Kb / 39P
Crystal or Differential-to-Differential Clock Fanout Buffer
IDTCV141 IDT-IDTCV141 Datasheet
87Kb / 10P
1-TO-8 DIFFERENTIAL CLOCK BUFFER
logo
ON Semiconductor
NB3W1900L ONSEMI-NB3W1900L_18 Datasheet
185Kb / 20P
Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
January, 2018 ??Rev. 3
logo
Renesas Technology Corp
CV128 RENESAS-CV128 Datasheet
242Kb / 13P
1-TO-12 DIFFERENTIAL CLOCK BUFFER
JUNE 29, 2007
CV141 RENESAS-CV141 Datasheet
245Kb / 11P
1-TO-8 DIFFERENTIAL CLOCK BUFFER
OCTOBER 2005
SLG74190 RENESAS-SLG74190 Datasheet
707Kb / 22P
1 to 19 Differential Clock Buffer
February 23, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com