Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CV128 Datasheet (PDF) - Renesas Technology Corp

CV128 Datasheet PDF - Renesas Technology Corp
Part # CV128
Download  CV128 Download
File Size   242.81 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-TO-12 DIFFERENTIAL CLOCK BUFFER

CV128 Datasheet (PDF)

Go To PDF Page Download Datasheet
CV128 Datasheet PDF - Renesas Technology Corp

Part # CV128
Download  CV128 Click to download

File Size   242.81 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-TO-12 DIFFERENTIAL CLOCK BUFFER

CV128 Datasheet (HTML) - Renesas Technology Corp


CV128 Product details

FEATURES:
• Compliant with Intel DB1200G rev. 0.5
• DIF Clock Support
− 12differential clock output pairs @ 0.7 V
− 50 ps skew performance (same gear)
• OE pin Control of All Outputs
• 3.3 V Operation
• Gear Ratio supporting generation of clocks at a different
frequency ratioed from the input.
• Split outputs supporting options of 2 outputs @1:1 and
remaining 10 pairs at an alternate gear
• Pin level OE control of individual outputs
• Multiple output frequency options up to 400Mhz as a gear ratio
of input clocks of 100-400Mhz
• Output is HCSL compatible
• SMBus Programmable configurations
• PLL Bypass Configurable
• SMBus address configurable to allow multiple buffer control in
a single control network
• Programmable Bandwidth
• Glitchfree transition between frequency states
• Available in SSOP and TSSOP packages

DESCRIPTION:
The CV128 differential buffer complies with Intel DB1200G rev. 0.5, and is
designed to work in conjunction with the main clock of CK409, CK410/CK410M
and CK410B etc., PLL is off in bypass mode and no clock detect




Similar Part No. - CV128

ManufacturerPart #DatasheetDescription
logo
Pro-Power
CV120LW PROPOWER-CV120LW Datasheet
157Kb / 1P
Weather Resistant Cable Ties Cable Harnessing Accessories
V1.0 13/07/17
logo
Seme LAB
CV12253L SEME-LAB-CV12253L Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO5
logo
Wall Industries,Inc.
CV12S3.3-3000 WALL-CV12S3.3-3000 Datasheet
787Kb / 6P
Non-Isolated DC/DC Converters
CV12S3.3-3000 WALL-CV12S3.3-3000 Datasheet
1Mb / 6P
Output Current up to 3A
CV12S3.3-3000 WALL-CV12S3.3-3000 Datasheet
1Mb / 6P
Output Current up to 3A
More results


Similar Description - CV128

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83948I-01 ICST-ICS83948I-01 Datasheet
87Kb / 11P
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. A SEPTEMBER 23, 2002
logo
Potato Semiconductor Co...
PO100HSTL11A POTATO-PO100HSTL11A Datasheet
553Kb / 6P
1 to 2 Differential Clock/Data Fanout Buffer
logo
Integrated Device Techn...
IDTCV145NLG8 IDT-IDTCV145NLG8 Datasheet
122Kb / 13P
1-TO-19 DIFFERENTIAL CLOCK BUFFER
8V31012 IDT-8V31012 Datasheet
455Kb / 17P
1-to-12, Differential HCSL Fanout Buffer
IDTCV141 IDT-IDTCV141 Datasheet
87Kb / 10P
1-TO-8 DIFFERENTIAL CLOCK BUFFER
logo
Renesas Technology Corp
8V31012 RENESAS-8V31012 Datasheet
747Kb / 18P
1-to-12, Differential HCSL Fanout Buffer
10/21/15
CV141 RENESAS-CV141 Datasheet
245Kb / 11P
1-TO-8 DIFFERENTIAL CLOCK BUFFER
OCTOBER 2005
CV145 RENESAS-CV145 Datasheet
282Kb / 14P
1-TO-19 DIFFERENTIAL CLOCK BUFFER
JUNE 2006
83948I-01 RENESAS-83948I-01 Datasheet
144Kb / 13P
Low Skew, 1-to-12 Differential-to- LVCMOS Fanout Buffer
March 18, 2016
SLG74190 RENESAS-SLG74190 Datasheet
707Kb / 22P
1 to 19 Differential Clock Buffer
February 23, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com