Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14AVDDECT Datasheet (PDF) - Renesas Technology Corp

DA14AVDDECT Datasheet PDF - Renesas Technology Corp
Part # DA14AVDDECT
Download  DA14AVDDECT Download
File Size   1903.22 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DA14AVDDECT SF01

DA14AVDDECT Datasheet (PDF)

Go To PDF Page Download Datasheet
DA14AVDDECT Datasheet PDF - Renesas Technology Corp

Part # DA14AVDDECT
Download  DA14AVDDECT Click to download

File Size   1903.22 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DA14AVDDECT SF01

DA14AVDDECT Datasheet (HTML) - Renesas Technology Corp


DA14AVDDECT Product details

General Description
The DA14AVDDECT from Dialog Semiconductor is a member of the wireless module family that
operates in the interference-free DECT frequency band (1.9 GHz) and can be used in hosted or
embedded Audio, Voice, and Data applications. The module includes all the required radio
components, antenna, a low-power audio CODEC (DA7218), and a 32 Mb FLASH memory. The
module is intended for users who are familiar with application-level software programming but does
not require detailed understanding of the DECT protocol to facilitate rapid design-in cycles. The
module can be operated as a stand-alone device or from a host through an API interface.
The module is based on Dialog's DA14495 chip that supports DQPSK and D8PSK besides the
traditional GFSK. This increases the raw air data rate by up to three times.
The module is available with 1.5 mm pitch BGA solder balls for an excellent solderability and a
sufficient connectivity. The dimensions for the module are 17.0 mm × 26.65 mm.
This document describes the hardware of the DA14AVDDECT module. A separate document details
the software and APIs.


Key Features
■ All RF components are integrated, thus no
customer tuning is required
■ Supported bands include EU-DECT, DECT
6.0 for North America, and Japan DECT
(JDECT)
■ On-PCB antenna, the module also supports
an optional second external antenna
■ Integrated RF shield
■ Low power operations
■ Audio bandwidth from 20 Hz to 20 kHz
■ 32-Mbit FLASH, so program memory available
for custom software
■ Integrated audio ADC/DAC (external audio
ADC/DAC supported through GPIO mapping)
■ Limited modular approval for EN301-406 (EUDECT), FCC Part 15 (DECT 6.0), and TELEC
(J-DECT)
■ Supports NiMH, alkaline, and Li-Ion batteries
■ A Voice Data Stack or an Audio Data Stack
are available to be downloaded




Similar Part No. - DA14AVDDECT

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14AVDDECT DIALOG-DA14AVDDECT Datasheet
1Mb / 25P
The module is based on Dialogs DA14495 chip that supports DQPSK and D8PSK besides the
DA14AVDDECTSF01 DIALOG-DA14AVDDECTSF01 Datasheet
1Mb / 25P
The module is based on Dialogs DA14495 chip that supports DQPSK and D8PSK besides the
logo
Renesas Technology Corp
DA14AVDDECTSF01 RENESAS-DA14AVDDECTSF01 Datasheet
1Mb / 27P
All RF components are integrated, thus no customer tuning is required
Nov 27, 2024
More results






About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com