Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14AVDDECT Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # DA14AVDDECT
Description  DA14AVDDECT SF01
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14AVDDECT Datasheet(HTML) 2 Page - Renesas Technology Corp

  DA14AVDDECT Datasheet HTML 1Page - Renesas Technology Corp DA14AVDDECT Datasheet HTML 2Page - Renesas Technology Corp DA14AVDDECT Datasheet HTML 3Page - Renesas Technology Corp DA14AVDDECT Datasheet HTML 4Page - Renesas Technology Corp DA14AVDDECT Datasheet HTML 5Page - Renesas Technology Corp DA14AVDDECT Datasheet HTML 6Page - Renesas Technology Corp DA14AVDDECT Datasheet HTML 7Page - Renesas Technology Corp DA14AVDDECT Datasheet HTML 8Page - Renesas Technology Corp DA14AVDDECT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Datasheet
Revision 2.3
31-Dec-2021
DA14AVDDECT SF01
DA14AVDDECT SF01 Datasheet
CFR0011-120-00
2 of 26
© 2021 Renesas Electronics
System Diagram
DCDC
Class D
Antenna
8 x GPIO LED
red
8 x Buttons
1 x PDM
microph.
3.3V
UFL
connector
Battery
connector
USB
connector
HeadJack#1
HeadJack#2
Stereo In
Stereo Out
JTAG/UART
Digital I/O
connector
GPIO port 1
voltage config.
1.8V or 3.3V
DCDC
DCDC
DCDC
DCDC
Speaker
3 x PWM LED
red-green-yellow
UART-USB
USB connector
Jumper
Figure 1: System Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com