Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14AVDDECT Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # DA14AVDDECT
Description  DA14AVDDECT SF01
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14AVDDECT Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button DA14AVDDECT Datasheet HTML 9Page - Renesas Technology Corp DA14AVDDECT Datasheet HTML 10Page - Renesas Technology Corp DA14AVDDECT Datasheet HTML 11Page - Renesas Technology Corp DA14AVDDECT Datasheet HTML 12Page - Renesas Technology Corp DA14AVDDECT Datasheet HTML 13Page - Renesas Technology Corp DA14AVDDECT Datasheet HTML 14Page - Renesas Technology Corp DA14AVDDECT Datasheet HTML 15Page - Renesas Technology Corp DA14AVDDECT Datasheet HTML 16Page - Renesas Technology Corp DA14AVDDECT Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Datasheet
Revision 2.3
31-Dec-2021
DA14AVDDECT SF01
DA14AVDDECT SF01 Datasheet
CFR0011-120-00
13 of 26
© 2021 Renesas Electronics
4
Characteristics
4.1
Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to
the device. These are stress ratings only, so functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specification are not implied.
Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability.
Table 3: Absolute Maximum Ratings
Parameter
Description
Conditions
Min
Max
Unit
VESD
Maximum ESD voltage
HBM
2
kV
VBAT
Battery voltage
4.6
V
VBUS
BUS voltage
6.5
V
4.2
Recommended Operating Conditions
Table 4: Recommended Operating Conditions
Parameter
Description
Conditions
Min
Type
Max
Unit
VBAT
Battery supply voltage
Limited by the supply
voltage requirements of the
SKY77762 power amplifier
module from SYKWORKS
1.9
4.2
V
VBUS
USB voltage
4.2
5.75
V
+VRF_PA_1
Bias supply SKY77762
< 10 mA current draw
3.0
4.2
V
+VRF_PA_2
Power supply SKY77762
Up to ~350 mA current
draw
1.9
3.3
3.6
V
TA
Ambient operating
temperature range
-20
+60
C
VSUPPLY
Output voltage of
DA14495
1.9
3.45
3.6
V
VDCDC
Output voltage of the
DA14495 DCDC
converter
When the DCDC is
disabled, the same pin
can be connected to an
external supply,
overriding the internal
DCDC converter.
1.4
1.89
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com