Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8413S09 Datasheet (PDF) - Renesas Technology Corp

8413S09 Datasheet PDF - Renesas Technology Corp
Part # 8413S09
Download  8413S09 Download
File Size   1224.76 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Clock Generator for Cavium Processors

8413S09 Datasheet (PDF)

Go To PDF Page Download Datasheet
8413S09 Datasheet PDF - Renesas Technology Corp

Part # 8413S09
Download  8413S09 Click to download

File Size   1224.76 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Clock Generator for Cavium Processors

8413S09 Datasheet (HTML) - Renesas Technology Corp


8413S09 Product details

Features
• Six selectable 100MHz, 125MHz, 156.25MHz and 312.5MHz
clocks for PCI Express, sRIO, XAUI, SGMII and HCSL interface
levels
• Two fix frequency 100MHz clocks (QDx, nQDx) for PCI Express
and HCSL interface levels
• One LVCMOS/LVTTL QREF output, 15 output impedance
• Selectable external crystal or differential (single-ended) input
source
• Crystal oscillator interface designed for 25MHz, parallel resonant
crystal
• Differential CLK, nCLK input pair that can accept: LVPECL, LVDS,
LVHSTL, HCSL input levels
• Internal resistor bias on nCLK pin allows the user to drive CLK
input with external single-ended (LVCMOS/ LVTTL) input levels
• Supply Modes:
Full 3.3V (HSCL and QREF0)
Mix 3.3V core /2.5V (QREF0)
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - 8413S09

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8413S06 RENESAS-8413S06 Datasheet
1Mb / 31P
Clock Generator for Cavium Processors
REVISION C 03/06/15
8413S06BKILF RENESAS-8413S06BKILF Datasheet
1Mb / 31P
Clock Generator for Cavium Processors
REVISION C 03/06/15
8413S06BKILFT RENESAS-8413S06BKILFT Datasheet
1Mb / 31P
Clock Generator for Cavium Processors
REVISION C 03/06/15
logo
Integrated Device Techn...
8413S08 IDT-8413S08 Datasheet
639Kb / 34P
Clock Generator for Cavium Processors
logo
Renesas Technology Corp
8413S08 RENESAS-8413S08 Datasheet
896Kb / 35P
Clock Generator for Cavium Processors
October 3, 2016
More results


Similar Description - 8413S09

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS840S06I IDT-ICS840S06I Datasheet
749Kb / 20P
CLOCK GENERATOR FOR CAVIUM PROCESSORS
8413S12I-100 IDT-8413S12I-100_16 Datasheet
915Kb / 33P
Clock Generator for Cavium Processors
8V41N010I IDT-8V41N010I Datasheet
533Kb / 26P
Clock Generator for Cavium Processors
logo
Renesas Technology Corp
8V41N012A RENESAS-8V41N012A Datasheet
1Mb / 35P
Clock Generator for Cavium Processors
October 11, 2019
8V41N010 RENESAS-8V41N010 Datasheet
897Kb / 27P
Clock Generator for Cavium Processors
06/30/15
8413S06 RENESAS-8413S06 Datasheet
1Mb / 31P
Clock Generator for Cavium Processors
REVISION C 03/06/15
8430S10I-02 RENESAS-8430S10I-02 Datasheet
840Kb / 32P
Clock Generator for Cavium Processors
October 4, 2016
ICS8430S10I-03 RENESAS-ICS8430S10I-03 Datasheet
830Kb / 32P
Clock Generator for Cavium Processors
October 5, 2016
ICS8430S803I RENESAS-ICS8430S803I Datasheet
1Mb / 31P
Clock Generator for Cavium Processors
MARCH 28, 2011
ICS8430S10I RENESAS-ICS8430S10I Datasheet
1Mb / 30P
Clock Generator for Cavium Processors
2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com