Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932S806 Datasheet (PDF) - Renesas Technology Corp

932S806 Datasheet PDF - Renesas Technology Corp
Part # 932S806
Download  932S806 Download
File Size   577.54 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Clock Chip for 2 and 4-way AMD K8-based servers

932S806 Datasheet (PDF)

Go To PDF Page Download Datasheet
932S806 Datasheet PDF - Renesas Technology Corp

Part # 932S806
Download  932S806 Click to download

File Size   577.54 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Clock Chip for 2 and 4-way AMD K8-based servers

932S806 Datasheet (HTML) - Renesas Technology Corp


932S806 Product details

Recommended Application:
Serverworks HT2100-based systems using AMD K8
processors
Output Features:
• 6 - Pairs of AMD K8 clocks
• 5 - Pairs of SRC/PCI Express* clock
• 3 - 14.318MHz REF clocks
• 3 - 48MHz clocks
• 1 - PCI 33MHz clocks
• 1 - HTT 66MHz clock
• 4 - 25MHz clocks
Features:
• Spread Spectrum for EMI reduction
• Outputs may be disabled via SMBus
• M/N programming via SMBus
• Uses 14.318MHz XTAL




Similar Part No. - 932S806

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
932S806CGLF IDT-932S806CGLF Datasheet
57Kb / 1P
Server/Workstation Chipsets
More results


Similar Description - 932S806

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950405 ICST-ICS950405 Datasheet
134Kb / 16P
AMD - K8 System Clock Chip
ICS950403 ICST-ICS950403 Datasheet
195Kb / 18P
AMD - K8??System Clock Chip
ICS950402 ICST-ICS950402 Datasheet
138Kb / 19P
AMD - K8 System Clock Chip
logo
Integrated Device Techn...
ICS932S805C IDT-ICS932S805C Datasheet
169Kb / 19P
K8 Clock Chip for Serverworks HT2100 Servers
logo
List of Unclassifed Man...
ICS932S801AFLFT ETC2-ICS932S801AFLFT Datasheet
194Kb / 20P
K8 Clock Chip for Serverworks GC-HT 2-Way Servers
ICS932S801AFLF ETC2-ICS932S801AFLF Datasheet
183Kb / 20P
K8 Clock Chip for Serverworks GC-HT 2-Way Servers
logo
Renesas Technology Corp
932S890C RENESAS-932S890C Datasheet
416Kb / 22P
RD890 SYSTEM CLOCK FOR AMD-BASED SERVERS 932S890C
REV D 052011
ICS932S801 RENESAS-ICS932S801 Datasheet
397Kb / 21P
K8 Clock Chip for Serverworks GC-HT 2-Way Servers
2019
ICS932S805C RENESAS-ICS932S805C Datasheet
308Kb / 20P
K8 Clock Chip for Serverworks HT2100 Servers
05/04/10
ICS950401 RENESAS-ICS950401 Datasheet
288Kb / 15P
AMD - K8™ System Clock Chip
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com