Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932S890C Datasheet (PDF) - Renesas Technology Corp

932S890C Datasheet PDF - Renesas Technology Corp
Part # 932S890C
Download  932S890C Download
File Size   416.63 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RD890 SYSTEM CLOCK FOR AMD-BASED SERVERS 932S890C

932S890C Datasheet (PDF)

Go To PDF Page Download Datasheet
932S890C Datasheet PDF - Renesas Technology Corp

Part # 932S890C
Download  932S890C Click to download

File Size   416.63 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RD890 SYSTEM CLOCK FOR AMD-BASED SERVERS 932S890C

932S890C Datasheet (HTML) - Renesas Technology Corp


932S890C Product details

Features/Benefits
• Spread Spectrum; EMI reduction
• Outputs may be disabled via SMBus; saves power
• External crystal load capacitors; maximum frequency
accuracy
Key Specifications
• CPU output cycle-to-cycle jitter <100ps
• SRC output cycle-to-cycle jitter <125ps
• 48MHz output cycle-to-cycle jitter <130ps
• SIO output cycle-to-cycle jitter <150ps
• SRC output phase jitter <3.1ps rms (PCIe Gen2)
• +/- 50ppm frequency accuracy on all clocks, assuming
REF is trimmed to 0 ppm)




Similar Part No. - 932S890C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
932S805CGLF IDT-932S805CGLF Datasheet
169Kb / 19P
K8 Clock Chip for Serverworks HT2100 Servers
logo
Renesas Technology Corp
932S805CGLF RENESAS-932S805CGLF Datasheet
308Kb / 20P
K8 Clock Chip for Serverworks HT2100 Servers
05/04/10
logo
Integrated Device Techn...
932S805CGLFT IDT-932S805CGLFT Datasheet
169Kb / 19P
K8 Clock Chip for Serverworks HT2100 Servers
logo
Renesas Technology Corp
932S805CGLFT RENESAS-932S805CGLFT Datasheet
308Kb / 20P
K8 Clock Chip for Serverworks HT2100 Servers
05/04/10
932S806 RENESAS-932S806 Datasheet
577Kb / 21P
Clock Chip for 2 and 4-way AMD K8-based servers
2019
More results


Similar Description - 932S890C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-168 ICST-ICS9248-168 Datasheet
172Kb / 14P
AMD - K7??Clock Generator for Mobile System
Rev B 01/09/01
ICS9248-189 ICST-ICS9248-189 Datasheet
236Kb / 15P
AMD - K7??Clock Generator for Mobile System
ICS950402 ICST-ICS950402 Datasheet
138Kb / 19P
AMD - K8 System Clock Chip
ICS932S422C ICST-ICS932S422C Datasheet
193Kb / 21P
PCIe Gen 2 main Clock for Intel-based Servers
logo
Integrated Device Techn...
ICS932S421B IDT-ICS932S421B Datasheet
226Kb / 23P
PCIe Gen2 and QPI Clock for Intel-Based Servers
ICS932SQ420DGLF IDT-ICS932SQ420DGLF Datasheet
412Kb / 27P
PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
logo
Renesas Technology Corp
932S806 RENESAS-932S806 Datasheet
577Kb / 21P
Clock Chip for 2 and 4-way AMD K8-based servers
2019
932SQ425 RENESAS-932SQ425 Datasheet
440Kb / 23P
PCIE GEN2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV B 042312
ICS932S421B RENESAS-ICS932S421B Datasheet
364Kb / 24P
PCIe Gen2 and QPI Clock for Intel-Based Servers
01/26/10
ICS932S422C RENESAS-ICS932S422C Datasheet
386Kb / 22P
PCIe Gen 2 main Clock for Intel-based Servers
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com