Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV3FL Datasheet (PDF) - STMicroelectronics

TESEO-LIV3FL Datasheet PDF - STMicroelectronics
Part # TESEO-LIV3FL
Download  TESEO-LIV3FL Download
File Size   1473.71 Kbytes
Page   34 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Tiny low power GNSS module

TESEO-LIV3FL Datasheet (PDF)

Go To PDF Page Download Datasheet
TESEO-LIV3FL Datasheet PDF - STMicroelectronics

Part # TESEO-LIV3FL
Download  TESEO-LIV3FL Click to download

File Size   1473.71 Kbytes
Page   34 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Tiny low power GNSS module

TESEO-LIV3FL Datasheet (HTML) - STMicroelectronics


TESEO-LIV3FL Product details

Features
• Simultaneous multiconstellation
• -163 dBm tracking sensitivity
• 1.5 m CEP position accuracy
• 16 Mbit embedded Flash for data logging and FW upgrade
• VCC/VBAT supply voltage range from 1.75 V to 4.2 V
• VCC_IO 1.8 V and 3.3 V
• Tiny LCC 18-pin package (9.7 x 10.1 x 2.3 mm )
• Operating temperature (from -40° to 85 °C)
• Free FW configuration
• Measurement data (carrier phase)
• 8 μA standby current and 65 mW tracking power consumption

Description
The Teseo-LIV3FL module is an easy to use global navigation satellite system
(GNSS) standalone module. It embeds the Teseo III single die standalone positioning
receiver IC working simultaneously on multiple constellations (GPS/Galileo/Glonass/
BeiDou/QZSS).
The Teseo-LIV3FL modules bring the proven accuracy and robustness of the Teseo
chips within everyone's reach. The embedded firmware and the complete evaluation
environment save development time. The compactness and economy of this solution
make it ideal for multiple applications such as insurance, goods tracking, drones,
tolling, anti-theft systems, people and pet location, vehicle tracking, emergency calls,
fleet management, vehicle sharing, diagnostics, and public transportation.
Within its 9.7 x 10.1 mm tiny size, the Teseo-LIV3FL offers superior accuracy
because of the integrate temperature, compensated crystal oscillator (TCXO) and a
reduced time to first fix (TTFF) through its dedicated real-time clock (RTC) oscillator.
Thanks to the embedded Flash, the Teseo-LIV3FL offers many extra features such
as data logging. Seven days autonomous assisted GNSS, FW reconfigurability as
well as FW upgrades.
The Teseo-LIV3FL also provides the autonomous assisted GNSS able to predict
satellite data based on previous observation of a satellite.
The Teseo-LIV3FL module is a certified solution. It optimizes the time to market of the
final applications with a temperature operating range from -40°C to 85°C.




Similar Part No. - TESEO-LIV3FL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TESEO-LIV3FL STMICROELECTRONICS-TESEO-LIV3FL Datasheet
1Mb / 34P
Tiny low power GNSS module
18-Oct-2023
TESEO-LIV3FL STMICROELECTRONICS-TESEO-LIV3FL_V01 Datasheet
1Mb / 34P
Tiny low power GNSS module
18-Oct-2023
More results


Similar Description - TESEO-LIV3FL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TESEO-LIV3R STMICROELECTRONICS-TESEO-LIV3R Datasheet
849Kb / 30P
Tiny ROM GNSS module
10-Jun-2019
X-NUCLEO-GNSS1A1 STMICROELECTRONICS-X-NUCLEO-GNSS1A1 Datasheet
3Mb / 5P
GNSS Module
12-Oct-2018
TESEO-LIV3F STMICROELECTRONICS-TESEO-LIV3F Datasheet
783Kb / 37P
Tiny GNSS module
20-Sep-2019
logo
Quectel Wireless Soluti...
L76 QUECTEL-L76 Datasheet
1Mb / 2P
Compact GNSS Module
L76-L QUECTEL-L76-L Datasheet
1Mb / 2P
Extremely Compact GNSS Module with Ultra Low Power Consumption
L76-LB QUECTEL-L76-LB Datasheet
1Mb / 2P
Compact GNSS Module
logo
List of Unclassifed Man...
ORG4572 ETC-ORG4572 Datasheet
1Mb / 40P
GNSS RECEIVER MODULE
Revision 3.0 November 23, 2014
logo
STMicroelectronics
TESEO-LIV4F STMICROELECTRONICS-TESEO-LIV4F Datasheet
868Kb / 30P
Tiny Dual-Band GNSS Low Power module
30-Mar-2023
logo
Yuechung International ...
YIC51612EBGGB YIC-YIC51612EBGGB Datasheet
1Mb / 19P
Ultra Low Power & Multi-Constellation GNSS Module
YIC73030PGMGG YIC-YIC73030PGMGG Datasheet
1Mb / 16P
Ultra Low Power GNSS Antenna Module
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com