Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV3FL Datasheet(PDF) 7 Page - STMicroelectronics

Part # TESEO-LIV3FL
Description  Tiny low power GNSS module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3FL Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TESEO-LIV3FL Datasheet HTML 3Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 4Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 5Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 6Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 7Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 8Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 9Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 10Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
3
Augmentation systems
3.1
Satellite-based augmentation system
The Teseo-LIV3FL supports SBAS. SBAS is a wide area differential GPS (WADGPS). It is a system, which
provides differential GPS corrections data. SBAS includes the WAAS within the United States, the EGNOS within
Europe, the multifunctional transport satellite (MTSAT)–based MSAS within Japan and southeast Asia, and the
GPS and GEO augmented navigation (GAGAN) system in India.
SBAS data correction is used in the GNSS algorithm to provide a better position estimation. The overall SBAS
differential correction mechanism can be conceived as built in two phases:
•
The “Acquire and Tracking” phase
•
The “Decoding” phase
The “Acquire and Track” phase concerns the ability of the acquisition engine to reliably track the SBAS satellite
path. During the decoding phase, the SBAS message can be decoded to fetch the differential corrections.
The current longitude limits for each service are:
•
WAAS-180 to-25 degrees
•
EGNOS-25 degrees to +50 degrees
•
GAGAN +50 degrees to +100 degrees
•
MSAS +100 degrees to +180 degrees
The Teseo-LIV3FL software with SBAS capability implements a command interface at the NMEA level to allow
interaction with the SBAS library. It supports commands to enable/disable the SBAS functionality.
3.2
QZSS
The quasi-zenith satellite system (QZSS) is a Japanese regional communication service and positioning
information for the mobile environment in the GPS L1C/A band. QZSS with GPS signals provides the GNSS
augmentation service for the Pacific region covering Japan and Australia. QZSS satellites are placed in a periodic
highly elliptical orbit (HEO). These orbits allow the satellites to “dwell” for more than 12 hours a day at an
elevation above 70° (it means that they appear almost overhead most of the time).
3.3
Differential GPS
Teseo-LIV3FL supports Differential-GPS data according to RTCM (radio technical commission for maritime
services) 2.3.
Differential-GPS data improves position accuracy. The Teseo-LIV3FL supports the following RTCM message.
Table 3. Supported RTCM message on Teseo-LIV3FL
Message type
Description
1
Differential GPS corrections
9
GPS partial correction set
31
Differential GLONASS corrections
34
GLONASS partial correction set
Teseo-LIV3FL
Augmentation systems
DS13881 - Rev 3
page 7/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com