Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV3FL Datasheet(PDF) 13 Page - STMicroelectronics

Part # TESEO-LIV3FL
Description  Tiny low power GNSS module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3FL Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TESEO-LIV3FL Datasheet HTML 9Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 10Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 11Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 12Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 13Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 14Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 15Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 16Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
9
Power mode
Standby mode, is the mode where only a low-power backup domain is running. It means that VBAT must be
always maintained. It allows to have a very low current consumption and fast GNSS reacquisition at the end of
the standby time due to RTC.
Teseo-LIV3FL offers three different ways of standby:
•
Hardware standby
•
Software standby
•
Hardware off standby
9.1
Hardware standby
This standby is ensured by setting nReset (pin 9) to 0 V.
During this standby, only VCC (pin#8), VBAT(pin#6) and VCC_IO(pin#7) are kept ON.
During this standby, mode VCC_RF (pin 14) is ON.
9.2
Software standby
Software standby is activated in the internal binary. Software standby can be:
•
Host driven standby: where the host raises an NMEA command to force Teseo-LIV3FL in standby; the host
can be woken up Teseo-LIV3FL using the wake-up pin (pin 5);
•
Periodic standby: where Teseo-LIV3FL enters and exits from standby using the internal RTC. Periodic fixes
are from 5 seconds up to 24 hours between two fixes.
Make sure that VCC_RF is active during this standby. In the case of active antenna or external LNA, it is
important to turn them off.
9.3
Hardware off standby
This standby is ensured by switching OFF VCC (pin 8) and VCC_IO (pin#7) supplies and setting nReset (pin#9)
to 0 V. It can be activated asynchronously from the GNSS track with a GPIO turning off power from a host.
During this standby, only VBAT (pin#6) is kept ON.
During this standby, mode VCC_RF (pin#14) is OFF.
Teseo-LIV3FL
Power mode
DS13881 - Rev 3
page 13/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com