Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV4F Datasheet (PDF) - STMicroelectronics

TESEO-LIV4F Datasheet PDF - STMicroelectronics
Part # TESEO-LIV4F
Download  TESEO-LIV4F Download
File Size   868.14 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Tiny Dual-Band GNSS Low Power module

TESEO-LIV4F Datasheet (PDF)

Go To PDF Page Download Datasheet
TESEO-LIV4F Datasheet PDF - STMicroelectronics

Part # TESEO-LIV4F
Download  TESEO-LIV4F Click to download

File Size   868.14 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Tiny Dual-Band GNSS Low Power module

TESEO-LIV4F Datasheet (HTML) - STMicroelectronics


TESEO-LIV4F Product details

Features
• Simultaneous multiconstellation and multi band GNSS (GPS/Galileo/Glonass/
BeiDou/QZSS)
• IRNSS constellation ready
• -162 dBm tracking sensitivity
• Submeter Positioning Accuracy
• Embedded Flash
• Firmware upgrade
• Free firmware configuration
• VCC/VBAT supply voltage range: 3.0 V to 3.63 V
• Tiny LCC-18 pin package (9.7 x 10.1 mm)
• Operating temperature (-40 °C ÷ 85 °C)
• 10 μA standby current consumption and 48.8 mA GNSS L1&L5 tracking
current consumption

Description
Teseo-LIV4F module is an easy-to-use Global Navigation Satellite System (GNSS)
standalone low power module, embedding Teseo IV single die standalone positioning
receiver IC working simultaneously on multiple constellations (GPS/Galileo/Glonass/
BeiDou/QZSS).
The Teseo-LIV4F modules bring the proven accuracy and robustness of Teseo IV
multi bands chips to the reach of everyone: the embedded firmware and the complete
evaluation environment save development time, while the compactness and costeffectiveness
of this solution make it ideal for several applications, such as insurance,
goods tracking, drones, tolling, anti-theft systems, people and pet location, vehicle
tracking, emergency calls, fleet management, vehicle sharing, diagnostics and public
transportation.
Within its 9.7 x 10.1 mm tiny size, Teseo-LIV4F is offering superior accuracy thanks
to the on-board Temperature Compensated Crystal Oscillator (TCXO) and a reduced
Time To First Fix (TTFF) relying to its dedicated Real Time Clock (RTC) oscillator.
Teseo-LIV4F provides also the Real-Time Assisted GNSS able to predict satellite
data based on previous observation of satellite.
Teseo-LIV4F module, being a certified solution, optimizes the time to market of the
final applications with a temperature operating range from -40°C to 85°C.




Similar Part No. - TESEO-LIV4F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TESEO-LIV4FTR STMICROELECTRONICS-TESEO-LIV4FTR Datasheet
1Mb / 32P
Tiny dual-band GNSS low power and measurement engine modules
30-May-2024
TESEO-LIV4F STMICROELECTRONICS-TESEO-LIV4F_V01 Datasheet
1Mb / 32P
Tiny dual-band GNSS low power and measurement engine modules
30-May-2024
More results


Similar Description - TESEO-LIV4F

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AJAV-6752 AVAGO-AJAV-6752 Datasheet
168Kb / 3P
Dual-Band Power Amplifier Module
logo
List of Unclassifed Man...
CGGP.25.4.E.02 ETC2-CGGP.25.4.E.02 Datasheet
1Mb / 15P
Dual-band GNSS Operation
logo
Taoglas antenna solutio...
CGGP.25.4.E.02 TAOGLAS-CGGP.25.4.E.02 Datasheet
1Mb / 15P
Dual-band GNSS Operation
logo
STMicroelectronics
TESEO-LIV3R STMICROELECTRONICS-TESEO-LIV3R Datasheet
849Kb / 30P
Tiny ROM GNSS module
10-Jun-2019
logo
Tallysman Wireless Inc.
TW7872 TALLYSMAN-TW7872 Datasheet
251Kb / 2P
TW7872 Magnetic Mount Dual Band GNSS Antenna
logo
STMicroelectronics
TESEO-LIV3F STMICROELECTRONICS-TESEO-LIV3F Datasheet
783Kb / 37P
Tiny GNSS module
20-Sep-2019
logo
Quectel Wireless Soluti...
LC79D QUECTEL-LC79D Datasheet
1Mb / 2P
Ultra-Small Dual-Band Multi-Constellation GNSS Module
logo
STMicroelectronics
TESEO-LIV3FL STMICROELECTRONICS-TESEO-LIV3FL Datasheet
1Mb / 34P
Tiny low power GNSS module
17-Aug-2022
logo
Yuechung International ...
YIC51612EBGGB YIC-YIC51612EBGGB Datasheet
1Mb / 19P
Ultra Low Power & Multi-Constellation GNSS Module
YIC73030PGMGG YIC-YIC73030PGMGG Datasheet
1Mb / 16P
Ultra Low Power GNSS Antenna Module
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com