Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV4F Datasheet (PDF) - STMicroelectronics

TESEO-LIV4F Datasheet PDF - STMicroelectronics
Part # TESEO-LIV4F_V01
Download  TESEO-LIV4F Download
File Size   1321.74 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Tiny dual-band GNSS low power and measurement engine modules

TESEO-LIV4F Datasheet (PDF)

Go To PDF Page Download Datasheet
TESEO-LIV4F Datasheet PDF - STMicroelectronics

Part # TESEO-LIV4F_V01
Download  TESEO-LIV4F Click to download

File Size   1321.74 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Tiny dual-band GNSS low power and measurement engine modules

TESEO-LIV4F Datasheet (HTML) - STMicroelectronics


TESEO-LIV4F Product details

Features
• Simultaneous multiconstellation and multi band GNSS (GPS/Galileo/Glonass/
BeiDou/QZSS)
• IRNSS constellation ready
• GNSS raw measurement data
• -162 dBm tracking sensitivity
• Submeter positioning accuracy
• Embedded flash
• Firmware upgrade
• Free firmware configuration
• VCC/VBAT supply voltage range: 3.0 V to 3.63 V
• Tiny LCC-18 pin package (9.7 x 10.1 mm)
• Operating temperature (-40 °C ÷ 85 °C)
• 10 μA standby current consumption and 48.8 mA GNSS L1&L5 tracking
current consumption




Similar Part No. - TESEO-LIV4F_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TESEO-LIV4F STMICROELECTRONICS-TESEO-LIV4F Datasheet
868Kb / 30P
Tiny Dual-Band GNSS Low Power module
30-Mar-2023
More results


Similar Description - TESEO-LIV4F_V01

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MK50DX128CYY7 FREESCALE-MK50DX128CYY7 Datasheet
377Kb / 2P
Integrated measurement engine, Ethernet and LCD
logo
List of Unclassifed Man...
CGGP.25.4.E.02 ETC2-CGGP.25.4.E.02 Datasheet
1Mb / 15P
Dual-band GNSS Operation
logo
Taoglas antenna solutio...
CGGP.25.4.E.02 TAOGLAS-CGGP.25.4.E.02 Datasheet
1Mb / 15P
Dual-band GNSS Operation
logo
MKS Instruments.
MULTIGAS1635-READY MKS-MULTIGAS1635-READY Datasheet
261Kb / 4P
5 Hz Engine and Vehicle Emissions Measurement and Certification Analyzer
logo
STMicroelectronics
TESEO-LIV3R STMICROELECTRONICS-TESEO-LIV3R Datasheet
849Kb / 30P
Tiny ROM GNSS module
10-Jun-2019
TESEO-LIV3F STMICROELECTRONICS-TESEO-LIV3F Datasheet
783Kb / 37P
Tiny GNSS module
20-Sep-2019
logo
u-blox AG
SARA-G3 U-BLOX-SARA-G3 Datasheet
1Mb / 48P
Dual and quad-band GSM/GPRS modules
logo
STMicroelectronics
STA9100MGA STMICROELECTRONICS-STA9100MGA Datasheet
76Kb / 3P
Automotive TeseoAPP (ASIL Precise Positioning) Family Multi Band GNSS Precise Measurement Engine receiver
TESEO-LIV3FL STMICROELECTRONICS-TESEO-LIV3FL Datasheet
1Mb / 34P
Tiny low power GNSS module
17-Aug-2022
TESEO-LIV4F STMICROELECTRONICS-TESEO-LIV4F Datasheet
868Kb / 30P
Tiny Dual-Band GNSS Low Power module
30-Mar-2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com