Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV4F Datasheet(PDF) 10 Page - STMicroelectronics

Part # TESEO-LIV4F
Description  Tiny dual-band GNSS low power and measurement engine modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV4F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TESEO-LIV4F_V01 Datasheet HTML 6Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 7Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 8Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 9Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 10Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 11Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 12Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 13Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
6
I/O interfaces
Teseo-LIV4F supports the following I/O interfaces:
•
UART port
•
I2C port
NMEA protocol is supported on both UART and I2C ports.
6.1
UART
The universal asynchronous receiver/transmitter (UART) supports much of the functionality of the industry-
standard 16C650 UART.
The UART performs serial-to-parallel conversion on data asynchronously received from a peripheral device on
UART-RX pin, and parallel-to-serial conversion on data written by CPU for transmission on UART-TX pin. The
transmit and receive paths are buffered with internal FIFO memories allowing up to 64 data bytes for
transmission, and 64 data bytes with 4-bit status (break, frame, parity, and overrun) for receive.
6.2
I2C
Teseo-LIV4F includes a slave I2C interface configurable.
Unlike all other interfaces, I2C is not able to communicate in full-duplex mode; it uses only two bidirectional open-
drain lines, Serial Data Line on pin I2C_SDA and Serial Clock Line on pin I2C_SCL, pulled up with resistors.
Teseo-LIV4F receiver always acts as slave and it cannot initiate data transmission on the bus; host must
periodically poll the receiver to check about data availability.
The main features are:
•
Normal speed (100 kHz) and Fast speed (400 kHz) supported.
•
I2C-slave address configurable using the firmware configurator.
Teseo-LIV4F
I/O interfaces
DS13957 - Rev 6
page 10/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com